Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 5 Page - Analog Devices

Part # LT4321
Description  LT4295, LT4321 High Efficiency IEEE802.3bt (PoE, Type 3, 40W) PD with PoE Ideal Diode Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4321 Datasheet(HTML) 5 Page - Analog Devices

  LT4321 Datasheet HTML 1Page - Analog Devices LT4321 Datasheet HTML 2Page - Analog Devices LT4321 Datasheet HTML 3Page - Analog Devices LT4321 Datasheet HTML 4Page - Analog Devices LT4321 Datasheet HTML 5Page - Analog Devices LT4321 Datasheet HTML 6Page - Analog Devices LT4321 Datasheet HTML 7Page - Analog Devices LT4321 Datasheet HTML 8Page - Analog Devices LT4321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Rev C
DEMO MANUAL
DC2475A-A
QUICK START PROCEDURE
Power over Ethernet (PoE) Input
1. Disconnect auxiliary supply if it is connected to AUX+
and AUX– inputs of the DC2475A-A.
2. Place and connect test equipment (voltmeter, ammeter,
oscilloscope, and electronic load) as shown in Figure 8.
3. Turn down the electronic load to a minimum value and
turn off the electronic load.
4. Connect the output of the IEEE 802.3bt compliant PSE
to the RJ45 connector (J1) of the DC2475A using a
CAT5e or CAT6 Ethernet cable. (See note.)
5. After the LED (D4) on the DC2475A is lit, check the
output voltage using a voltmeter. Output voltage should
be within 12.0V ± 0.2V.
Figure 8. Setup Diagram for PoE Input
6. Turn on the electronic load and increase its load cur-
rent up to 3A. Observe the output voltage regulation,
efficiency, and other parameters.
7. Verify T2P response with an oscilloscope as shown in
Figure8.TheT2PresponsetothetypeofPSEconnected
to the DC2475A-A is provided in Table 1.
Note: An 802.3bt PSE has not yet been released. In
the interim, an LTPoE++® compliant PSE (DC1814A-B)
may be used to provide power to the DC2475A-A. The
LTPoE++classificationwillnotbe802.3btcompliant,but
the PSE will provide a compatible detection and power
output. Specifically, the T2P output of the DC2475A-A
is different from the behavior stated in Table 1 and will
indicate connection to a Type 2 PSE. Otherwise PD
behavior will be unaffected.
Table 1. T2P Response vs PSE Type
PSE
T2P RESPONSE
NEGOTIATED PD INPUT POWER
IEEE
Logic High
13W
Logic Low
25.5W
50% Logic High/50% Logic Low, Toggle at 976Hz ±7%
40W
LTPoE++, 52.7W
Logic Low
40W
IEEE 802.3bt
PSE
+
–
DC POWER
SUPPLY
+
–
AMMETER
+
–
VOLTMETER
+
–
ELECTRONIC
LOAD
+
–
OSCILLOSCOPE
+
–
CAT5e
OR CAT6
CABLE
J1
(408) 432-1900
www.analog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com