Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 9 Page - Analog Devices

Part # LT4321
Description  LT4295, LT4321 High Efficiency IEEE802.3bt (PoE, Type 3, 40W) PD with PoE Ideal Diode Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4321 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT4321 Datasheet HTML 4Page - Analog Devices LT4321 Datasheet HTML 5Page - Analog Devices LT4321 Datasheet HTML 6Page - Analog Devices LT4321 Datasheet HTML 7Page - Analog Devices LT4321 Datasheet HTML 8Page - Analog Devices LT4321 Datasheet HTML 9Page - Analog Devices LT4321 Datasheet HTML 10Page - Analog Devices LT4321 Datasheet HTML 11Page - Analog Devices LT4321 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Rev C
DEMO MANUAL
DC2475A-A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
14
1
Q2
MOSFET, N-CH, 100V TSON
TOSHIBA TPN1600ANH
15
0
Q3
MOSFET, N-CH, OPT SOT23
OPT
16
1
Q4
MOSFET, N-CH, 200V TDSON-8
INFINEON BSZ900N20NS3
17
1
R2
RES, CHIP, 1.5k 5% 0805
NIC NRC10J152TRF
18
1
R3
RES, CHIP, 200Ω 5% 1206
NIC NRC12F2000TRF
19
1
R4
RES, CHIP, 200Ω 5% 1206
NIC NRC12F2000TRF
20
1
R8
RES, CHIP, 27Ω 5% 1206
VISHAY CRCW120627R0JNEA
21
1
R9
RES, CHIP, 27Ω 5% 1206
VISHAY CRCW120627R0JNEA
22
1
R10
RES, CHIP, 6.65k 1% 0603
NIC NRC06F6651TRF
23
1
R11
RES, CHIP, 7.50k 1% 0603
VISHAY CRCW06037K50FKEA
24
1
R14
RES, CHIP, 25mΩ 1% 1206
VISHAY WSL1206R0250FEA
25
1
R16
RES, CHIP, 0Ω, SHUNT, 0805
VISHAY CRCW08050000Z0EA
26
1
R19
RES, CHIP, 37.4Ω 1% 0805
VISHAY CRCW080537R4FKEA
27
1
R20
RES, CHIP, 1.00Ω 1% 0805
VISHAY CRCW08051K00FKEA
28
0
R23
RES, CHIP, OPT 5% 0603
OPT
29
1
R24
RES, CHIP, 26.1k 5% 0603
VISHAY CRCW060326K1FKEA
30
1
R25
RES, CHIP, 10k 5% 0603
YAGEO RC0603JR-0710KL
31
1
R26
RES, CHIP, 5.1k 5% 0603
YAGEO RC0603JR-075K1L
32
0
R30
RES, CHIP, OPT 5% 0805
OPT
33
0
R31
RES, CHIP, SHUNT, 2512
OPT
34
1
T1
XFMR, FLYBACK TRAN, 750316115
WURTH 750316115
35
0
T1 (ALTERNATE)
XFMR, FLYBACK TRAN, EPC3634G
PCA EPC3634G
36
0
T2
XFMR, FLYBACK TRAN, OPT
OPT
37
1
U1
IC, PD AND SWITCHER CONTROLLER, LT4295IUFD QFN28 ANALOG DEVICES LT4295IUFD
38
1
U2
IC, TRANSISTOR OUTPUT OPTOCOUPLER, SO-8
FAIRCHILD SEMI, MOC207M
39
4
MH1-MH4
STAND-OFF, NYLON 0.50" TALL (SNAP ON)
KEYSTONE 8833
40
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 2475A
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com