Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 8 Page - Analog Devices

Part # LT4321
Description  LT4295, LT4321 High Efficiency IEEE802.3bt (PoE, Type 3, 40W) PD with PoE Ideal Diode Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4321 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT4321 Datasheet HTML 4Page - Analog Devices LT4321 Datasheet HTML 5Page - Analog Devices LT4321 Datasheet HTML 6Page - Analog Devices LT4321 Datasheet HTML 7Page - Analog Devices LT4321 Datasheet HTML 8Page - Analog Devices LT4321 Datasheet HTML 9Page - Analog Devices LT4321 Datasheet HTML 10Page - Analog Devices LT4321 Datasheet HTML 11Page - Analog Devices LT4321 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Rev C
DEMO MANUAL
DC2475A-A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
31
9
Q1, Q11, Q12, Q13,
Q14, Q15, Q16, Q17,
Q18
MOSFET, N-CH, PSMN075-100MSE 100V LFPAK33
NXP PSMN075-100MSE
32
1
Q5
TRANSISTOR, PNP, MMBT3906 40V SOT23
FAIRCHILD MMBT3906
33
1
Q6
TRANSISTOR, NPN, MMBT3904 40V SOT23
FAIRCHILD MMBT3904
34
1
Q7
TRAN, PNP, FMMT723 100V SOT23
DIODES INC FMMT723TA
35
0
Q7 (ALTERNATE)
TRAN, PNP, PBSS9110T 100V SOT23
NXP PBSS9110T
36
4
RT1, RT2, RT3, RT4
RES, CHIP, 75Ω 5% 0603
NIC NRC06J750TRF
37
1
R5
RES, CHIP, 8.2Ω 5% 0805
NIC NRC10J8R2TRF
38
1
R6
RES, CHIP, 3.3k 5% 0603
NIC NRC06J332TRF
39
1
R7
RES, CHIP, 20Ω 5% 0805
VISHAY CRCW080520R0JNEA
40
1
R12
RES, CHIP, 0Ω 5% 0603
NIC NRC06ZOTRF
41
1
R13
RES, CHIP, 100Ω 5% 0603
VISHAY CRCW0603100RFKEA
42
1
R15
RES, CHIP, 15Ω 5% 0603
NIC NRC06J150TRF
43
1
R17
RES, CHIP, 2.00k 1% 0603
NIC NRC06F2001TRF
44
1
R18
RES, CHIP, 10k 5% 0603
YAGEO RC0603JR-0710KL
45
1
R21
RES, CHIP, 174k 1% 0603
VISHAY CRCW0603174KFKEA
46
1
R22
RES, CHIP, 107k 1% 0603
NIC NRC06F1073TRF
47
1
R27
RES, CHIP, 0Ω 5% 0402
NIC NRC04ZOTRF
48
1
R28
RES, CHIP, 0Ω 5% 0603
NIC NRC06ZOTRF
49
1
R29
RES, CHIP, 52.3k 1% 0603
VISHAY CRCW060352K3FKEA
50
0
R32
RES, CHIP, OPT 5% 1812
OPT
51
1
T3
XFMR, SMD GATE DRIVE, PE-68386NL
PULSE PE-68386NL
52
0
T3 (ALTERNATE)
XFMR, SMD GATE DRIVE, EPA4271GE
PCA EPA4271GE
53
1
U3
IC, PoE IDEAL BRIDGE CONTROLLER, LT4321IUF QFN16
ANALOG DEVICES LT4321IUF#PBF
54
2
STENCIL (TOP AND BOTTOM)
STENCIL DC2475A
DC2475A-A
1
DC2475A – GENERAL BOM
1
1
C2
CAP, CER, X5R 10µF 16V 10% 1206
MURATA GRM31CR61C106KA88
2
1
C3
CAP, CER, X5R 10µF 16V 10% 1206
MURATA GRM31CR61C106KA88
3
1
C4
CAP, ELEC, 33µF 25V 20% 5.0X5.8
PANASONIC EEHZA1E330R
4
1
C8
CAP, CER, U2J 470pF 630V 5% 1206
MURATA GRM31A7U2J471JW31D
5
1
C9
CAP, CER, U2J 100pF 630V 5% 1206
MURATA GRM31A7U2J101JW31D
6
1
C16
CAP, CER, X7R 1µF 25V 10% 0805
MURATA GRM21BR71E105KA99L
7
1
C22
CAP, CER, X7R 3.3nF 25V 10% 0603
AVX 06033C332KAT2A
8
1
C24
CAP, CER, X7R 0.1µF 25V 20% 0603
MURATA GRM188R71E104KA01D
9
1
C25
CAP, CER, X7R 220pF 25V 10% 0603
AVX 06033C221KAT4A
10
0
D18
DIODE, DIODE INC, OPT 40V SOD323
DIODE INC OPT
11
1
E11
TP, TURRET, PAD150-094 0.094"
MILL-MAX 2501-2-00-80-00-00-07-0
12
1
L1
IND, 180nH
COILCRAFT DO1813P-181HC
13
1
L3
IND, CMC, 1mH
WURTH 744 272 102
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com