Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 2 Page - Analog Devices

Part # LT4321
Description  LT4295, LT4321 High Efficiency IEEE802.3bt (PoE, Type 3, 40W) PD with PoE Ideal Diode Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4321 Datasheet(HTML) 2 Page - Analog Devices

  LT4321 Datasheet HTML 1Page - Analog Devices LT4321 Datasheet HTML 2Page - Analog Devices LT4321 Datasheet HTML 3Page - Analog Devices LT4321 Datasheet HTML 4Page - Analog Devices LT4321 Datasheet HTML 5Page - Analog Devices LT4321 Datasheet HTML 6Page - Analog Devices LT4321 Datasheet HTML 7Page - Analog Devices LT4321 Datasheet HTML 8Page - Analog Devices LT4321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Rev C
DEMO MANUAL
DC2475A-A
TYPICAL PERFORMANCE CHARACTERISTICS
Top Side
Bottom Side
Figure 1. Thermal Pictures (Conditions: VPORT = 44V, VOUT = 12V, IOUT = 3A)
Figure 2. Efficiency (End-to-End)
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
DC2475AA F02
44V
50V
57V
VPORT
Figure 3. Load Regulation
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
DC2475AA F03
44V
50V
57V
VPORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com