Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCF3Z1 Datasheet(PDF) 1 Page - Saia-Burgess

Part # XCF3Z1
Description  Snap-action Microswitches – Subminiature XC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

XCF3Z1 Datasheet(HTML) 1 Page - Saia-Burgess

  XCF3Z1 Datasheet HTML 1Page - Saia-Burgess XCF3Z1 Datasheet HTML 2Page - Saia-Burgess XCF3Z1 Datasheet HTML 3Page - Saia-Burgess XCF3Z1 Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
saia-burgess Switches
Ph: 800-429-0365
www.saia-burgess-usa.com
Fax: 847-549-9625
B2
B
Snap-action Microswitches – Subminiature XC
XC
Characteristics
Wide range of actuating forces
Long mechanical and electrical life
Solder, PCB, faston (quick connect) terminals
Rating
Up to 250 V, 10 A
Dimensions (mm)
19.9 x 9.5 x 6.4
Actuator
Plunger, plain, roller, plastic, simulated roller lever
Approvals
UL, cUL, CSA, ENEC
Preferred Product Range
Ordering Reference Actuating Force
Operating position
Terminal
Circuit
Actuator
Contacts
Electrical rating
(N)
(oz)
(mm)
(in)
ENEC
UL/CSA
XCG3Z1 1.7
6.07
8.4
0.33
Solder
CO
Plunger
Ag
6(2) A
5 A
XCG3-J1Z1 0.6
2.14
10.2
0.40
Solder
CO
Plain lever
Ag
6(2) A
5 A
XCG3-S1Z1 0.7
2.49
15.6
0.61
Solder
CO
Roller lever
Ag
6(2) A
5 A
XCG5Z1 1.7
6.07
8.4
0.33
Faston 2.8 x 0.5 mm
CO
Plunger
Ag
6(2) A
5 A
XCG5-J1Z1 0.6
2.14
10.2
0.40
Faston 2.8 x 0.5 mm
CO
Plain lever
Ag
6(2) A
5 A
XCG5-S1Z1 0.7
2.49
15.6
0.61
Faston 2.8 x 0.5 mm
CO
Roller lever
Ag
6(2) A
5 A
XCG8Z1 1.7
6.07
8.4
0.33
PCB
CO
Plunger
Ag
6(2) A
5 A
XCG8-J1Z1 0.6
2.14
10.2
0.40
PCB
CO
Plain lever
Ag
6(2) A
5 A
XCG8-S1Z1 0.7
2.49
15.6
0.61
PCB
CO
Roller lever
Ag
6(2) A
5 A
XCF3Z1 3.0
10.70
8.4
0.33
Solder
CO
Plunger
Ag
10(3) A
10.1 A
XCF3-J1Z1 1.05
3.74
10.2
0.40
Solder
CO
Plain lever
Ag
10(3) A
10.1 A
XCF3-S1Z1 1.1
3.92
15.6
0.61
Solder
CO
Roller lever
Ag
10(3) A
10.1 A


Similar Part No. - XCF3Z1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
XCFVP-40 AMPHENOL-XCFVP-40 Datasheet
87Kb / 2P
Temperature range for complete Logger:-85째C to 140째C
More results

Similar Description - XCF3Z1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F5T8UL ETC2-F5T8UL Datasheet
1Mb / 3P
Snap-action Microswitches
logo
Omron Electronics LLC
D2HW OMRON-D2HW Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D3M OMRON-D3M Datasheet
752Kb / 8P
Subminiature Snap Action Switch
logo
Honeywell Solid State E...
ZM1 HONEYWELL-ZM1 Datasheet
1Mb / 12P
MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
List of Unclassifed Man...
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
Snap-action Microswitches
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
SNAP-ACTION MICROSWITCHES
logo
Honeywell Accelerometer...
ZM50E10F01 HONEYWELL-ACC-ZM50E10F01 Datasheet
1Mb / 12P
MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
List of Unclassifed Man...
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
Snap-action Microswitches
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
Subminiature Snap Action Switch
logo
List of Unclassifed Man...
V4-83170 ETC1-V4-83170 Datasheet
3Mb / 8P
SUBMINIATURE MICROSWITCHES - PREMIUM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com