Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCF3Z1 Datasheet(PDF) 2 Page - Saia-Burgess

Part # XCF3Z1
Description  Snap-action Microswitches – Subminiature XC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

XCF3Z1 Datasheet(HTML) 2 Page - Saia-Burgess

  XCF3Z1 Datasheet HTML 1Page - Saia-Burgess XCF3Z1 Datasheet HTML 2Page - Saia-Burgess XCF3Z1 Datasheet HTML 3Page - Saia-Burgess XCF3Z1 Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
saia-burgess Switches
Ph: 800-429-0365
www.saia-burgess-usa.com
Fax: 847-549-9625
B3
B
Snap-action Microswitches – Subminiature XC
Specifications
Housing
Phenolic-Melamine, Thermosetting
Plunger
POM for T85, PBT for T140
Mechanism
Snap-action system with stainless steel tension spring
Functions
Change-over, NO, NC
Contacts
Pure silver (Ag) or 10 µm Gold (Au), microprofile
Terminals
Solder, faston and various PCB terminals (side of housing or side of lid, as well as 1/10” o lin pitch)
Temperature range ºC
-40°C to +85°C (special version up to 140°C)
Mechanical life
up to 5–10
7 cycles (sinusoidal actuation)
Protection
Enclosure IP40
Mounting
Side mounting through mounting holes
Actuators
Stainless steel, PA66-GF35
Contact Carrier
CuZn or CuSn
Circuit
diagram
Dimensions
(mm)
a
b
d
0.5
2.3
+ 0.05
– 0.02
2.4
7.5
2.35
+ 0.1
– 0.15
2.5
+ 0.05
– 0.02
9.5
± 0.1
19.9
+ 0.25
– 0.35
3.45
3.2
5.25
+ 0.20
– 0.25
8.85
6.4
± 0.2
3.1
4
4.8
2.4
Recommended Maximum Electrical Ratings
Voltage
Resistive load
Motor load
Approvals ENEC
Approvals UL
(VAC)
(A)
(A)
(A)
(VAC)
(A)
(VAC)
XCF 250
10
3
10 (3)
250
1E4
10.1
250
XCG 250
6
2
6 (2)
250
5E4
5
250
XCK 250
5
3
5 (3)
250
1E4
5
250
XCC 250
3
1
3 (1)
250
5E4
2
250
XCH 250
1.5
0.3
1.5 (0.3)
250
5E4
0.1
30
CO
NO
NC
FP = Free Position
OP = Operating Position



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com