Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCF3Z1 Datasheet(PDF) 4 Page - Saia-Burgess

Part # XCF3Z1
Description  Snap-action Microswitches – Subminiature XC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

XCF3Z1 Datasheet(HTML) 4 Page - Saia-Burgess

  XCF3Z1 Datasheet HTML 1Page - Saia-Burgess XCF3Z1 Datasheet HTML 2Page - Saia-Burgess XCF3Z1 Datasheet HTML 3Page - Saia-Burgess XCF3Z1 Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
saia-burgess Switches
Ph: 800-429-0365
www.saia-burgess-usa.com
Fax: 847-549-9625
B5
B
Snap-action Microswitches – Subminiature XC
Actuating
XCF
3 N
6.07 oz
Characteristic
XCG
1.7 N
10.70 oz
XCK
1.2 N
4.28 oz
XCC
0.6 N
2.14 oz
XCH
0.35 N
1.24 oz
Circuits
No digit
Change-over
4
Normally closed (NC 2)
5
Normally open (NO 4)
Terminals
3
Solder
4
Faston 2.8 x 0.5 mm DIN
5
Faston 2.8 x 0.5 mm IEC/AMP
8
PCB (straight)
9
PCB (1/10” pitch)
10
Side mounting PCB, Base side
11
Side mounting PCB, cover side
Other terminals on special request.
Version
No digit, Housing material MP, Europe up to 85° C, UL up to 90° C
V (High temperature 125° C), Housing material MP / Plunger PBT, Europe up to 125° C, UL up to 130° C
W (High temperature 140° C), Housing material Polyester PBT, Europe up to 140° C, UL up to 150° C
Contacts
No digit
Ag (silver)
-81
µ profile Au 10 µm
Actuators
No digit
Plunger
-J1
Plain lever
18.0 mm (0.71 in)
-J2
Plain lever
25.0 mm (0.98 in)
-J5
Plain lever
40.0 mm (1.57 in)
-S1
Roller lever
16.8 mm (0.66 in)
-L1
Cam follower
16.0 mm (0.63 in)
-P5
Plastic lever
16.0 mm (0.63 in)
-P6
Plastic lever
18.0 mm (0.71 in)
Other actuators on special request.
Ordering Reference – How to Build a Part Number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com