Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCF3Z1 Datasheet(PDF) 3 Page - Saia-Burgess

Part # XCF3Z1
Description  Snap-action Microswitches – Subminiature XC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

XCF3Z1 Datasheet(HTML) 3 Page - Saia-Burgess

  XCF3Z1 Datasheet HTML 1Page - Saia-Burgess XCF3Z1 Datasheet HTML 2Page - Saia-Burgess XCF3Z1 Datasheet HTML 3Page - Saia-Burgess XCF3Z1 Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
saia-burgess Switches
Ph: 800-429-0365
www.saia-burgess-usa.com
Fax: 847-549-9625
B4
B
Snap-action Microswitches – Subminiature XC
Operating Characteristics
Actuating
Release
Free
Operating
Movement
Total travelled
Actuator
Reference
Force
Force
Position
Position
Differential
position
Maximum
Minimum
Maximum
Maximum
Maximum
(N)
(oz)
(N)
(oz)
(mm)
(in)
(mm)
(in)
(mm) (in)
(mm)
(in)
Plunger
XCF..
3
10.70
0.5
1.78
8.8
0.34
8.4
0.33
0.1
0.003
7.7
0.30
(mm)
XCG..
1.7
6.07
0.3
1.07
8.8
0.34
8.4
0.33
7.7
0.30
XCK..
1.2
4.28
0.2
0.71
8.8
0.34
8.4
0.33
0.1
0.003
7.7
0.30
XCC..
0.6
2.14
0.1
3.57
8.8
0.34
8.4
0.33
0.1
0.003
7.7
0.30
XCH..
0.35
1.24
0.07
0.24
8.8
0.34
8.4
0.33
0.1
0.003
7.7
0.30
-J1 Lever
XCF..
1.05
3.74
0.16
0.57
12.2
0.48
10.2 ± 1.0
0.401 ± 0.039
0.6
0.023
8.4
0.33
(mm)
XCG..
0.6
2.14
0.08
0.28
12.2
0.48
10.2 ± 0.9
0.401 ± 0.035
0.5
0.019
8.5
0.34
XCK..
0.42
1.49
0.056
0.19
12.2
0.48
10.3 ± 0.9
0.405 ± 0.035
0.5
0.019
8.7
0.34
XCC..
0.22
0.78
0.025
0.08
12.2
0.48
10.3 ± 0.9
0.404 ± 0.035
0.4
0.015
8.7
0.34
XCH..
0.13
0.46
0.02
0.07
12.2
0.48
10.4 ± 0.9
0.409 ± 0.035
0.4
0.015
8.8
0.35
Width of lever 4.0 mm/0.16 in
-L1 Lever
XCF..
1.1
3.92
0.17
0.6
17.6
0.69
15.6 ± 1.1
0.614 ± 0.043
0.6
0.023
14
0.56
(mm)
XCG..
0.7
2.49
0.09
0.32
17.6
0.69
15.6 ± 1.0
0.614 ± 0.039
0.5
0.019
14.1
0.56
XCK..
0.43
1.53
0.058
0.2
17.6
0.69
15.7 ± 1.0
0.618 ± 0.039
0.4
0.015
14.3
0.56
XCC..
0.23
0.82
0.026
0.09
17.6
0.69
15.7 ± 1.0
0.618 ± 0.039
0.4
0.015
14.3
0.56
XCH..
0.14
0.49
0.021
0.07
17.6
0.69
15.8 ± 1.0
0.622 ± 0.039
0.4
0.015
14.4
0.57
Width of lever 4.0 mm/0.16 in
-S1 Lever
XCF..
1.1
3.92
0.17
0.6
17.6
0.69
15.6 ± 1.2
0.614 ± 0.047
0.6
0.023
14.1
0.56
(mm)
XCG..
0.7
2.49
0.09
0.32
17.6
0.69
15.6 ± 1.1
0.614 ± 0.043
0.5
0.019
14.2
0.56
XCK..
0.43
1.53
0.058
0.2
17.6
0.69
15.7 ± 1.1
0.618 ± 0.043
0.4
0.015
14.4
0.57
XCC..
0.23
0.82
0.026
0.09
17.6
0.69
15.7 ± 1.1
0.618 ± 0.043
0.4
0.015
14.4
0.57
XCH..
0.14
0.49
0.021
0.07
17.6
0.69
15.8 ± 1.1
0.622 ± 0.043
0.4
0.015
14.5
0.57
Width of roller 4.0 mm/0.16 in. for high temperature use -T1 lever
-P5 Lever
XCF..
1.3
4.62
0.17
0.6
17.6
0.69
15.6 ± 1.1
0.614 ± 0.043
0.6
0.023
14
0.55
(mm)
XCG..
0.75
2.67
0.09
0.32
17.6
0.69
15.6 ± 1.0
0.614 ± 0.039
0.5
0.019
14.1
0.56
XCK..
0.6
2.13
0.058
0.2
17.6
0.69
15.7 ± 1.0
0.618 ± 0.039
0.4
0.015
14.3
0.56
XCC..
0.31
1.10
0.026
0.09
17.6
0.69
15.7 ± 1.1
0.618 ± 0.043
0.4
0.015
14.3
0.56
XCH..
0.22
0.78
0.021
0.07
17.6
0.69
15.8 ± 1.0
0.622 ± 0.039
0.4
0.015
14.4
0.57
-P6 Lever
XCF..
1.05
3.74
0.16
0.57
14.3
0.56
12.5 ± 1.1
0.49 ± 0.043
0.6
0.023
10.6
0.42
(mm)
XCG..
0.6
2.13
0.08
0.28
14.3
0.56
12.5 ± 1.0
0.49 ± 0.039
0.5
0.019
10.7
0.42
XCK..
0.42
1.49
0.056
0.21
14.3
0.56
12.6 ± 1.0
0.5 ± 0.039
0.5
0.015
10.8
0.43
XCC..
0.22
0.78
0.025
0.11
14.3
0.56
12.6 ± 1.0
0.5 ± 0.039
0.4
0.015
10.8
0.43
XCH..
0.13
0.46
0.02
0.07
14.3
0.56
12.7 ± 1.0
0.5 ± 0.039
0.4
0.015
10.9
0.43
7.5
2.4
18.0
12.7
16
60º
12.7
Ø
4.8
12.7
16.8
+0.003
–0.011
+0.1
–0.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com