Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM320BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 22Page - Analog Devices ADUCM320BBCZ Datasheet HTML 23Page - Analog Devices ADUCM320BBCZ Datasheet HTML 24Page - Analog Devices ADUCM320BBCZ Datasheet HTML 25Page - Analog Devices ADUCM320BBCZ Datasheet HTML 26Page - Analog Devices ADUCM320BBCZ Datasheet HTML 27Page - Analog Devices ADUCM320BBCZ Datasheet HTML 28Page - Analog Devices ADUCM320BBCZ Datasheet HTML 29Page - Analog Devices ADUCM320BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Data Sheet
ADuCM320
Rev. C | Page 25 of 30
Pin
No.
Mnemonic
Type1
Description
J11
AIN11/BUF_VREF2V5
AI/AO
Analog Input 11 (AIN11).
Buffered 2.5 V Bias (BUF_VREF2V5). The maximum load = 1.2 mA. Connect
BUF_VREF2V5 to AGNDx via a 100 nF capacitor.
H10
AIN12/P4.4
AI/I/O
Analog Input 12 (AIN12).
Digital I/O Port 4.4 (P4.4).
G10
AIN13/P4.5
AI/I/O
Analog Input 13 (AIN13).
Digital I/O Port 4.5 (P4.5).
H9
AIN14/P4.6
AI/I/O
Analog Input 14 (AIN14).
Digital I/O Port 4.6 (P4.6).
G9
AIN15/P4.7
AI/I/O
Analog Input 15 (AIN15).
Digital I/O Port 4.7 (P4.7).
L5
VDAC0/P5.3
AO/I/O
Voltage DAC0 Output (VDAC0).
Digital I/O Port 5.3 (P5.3).
K5
VDAC1
AO
Voltage DAC1 Output.
L4
VDAC2/P3.7/PLAO[29]
AO/I/O
Voltage DAC2 Output (VDAC2).
Digital I/O Port 3.7 (P3.7).
Output of PLA Element 29 (PLAO[29]).
K4
VDAC3/P5.0
AO/I/O
Voltage DAC3 Output (VDAC3).
Digital I/O Port 5.0 (P5.0).
J4
VDAC4
AO
Voltage DAC4 Output (VDAC4).
L3
VDAC5
AO
Voltage DAC5 Output (VDAC5).
K3
VDAC6/P5.1
AO/I/O
Voltage DAC6 Output (VDAC6).
Digital I/O Port 5.1 (P5.1).
J3
VDAC7/P5.2
AO/I/O
Voltage DAC7 Output (VDAC7).
Digital I/O Port 5.2 (P5.2).
A2
IDAC0
AO
IDAC0. 0 mA to 150 mA full-scale output.
A3
PVDD0
S
Power for IDAC0.
B4
CDAMP0
AI
Damping Capacitor 0. Connect damping capacitor from this pin to PVDD0.
A10
IDAC1
AO
IDAC1. 0 mA to 150 mA full-scale output.
A9
PVDD1
S
Power for IDAC1.
B8
CDAMP1
AI
Damping Capacitor 1. Connect damping capacitor from this pin to PVDD1.
A5
IDAC2
AO
IDAC2. 0 mA to 150 mA full-scale output.
A4
PVDD2
S
Power for IDAC2.
B5
CDAMP2
AI
Damping Capacitor 2. Connect damping capacitor from this pin to PVDD2.
A7
IDAC3
AO
IDA3C. 0 mA to 150 mA full-scale output.
A8
PVDD3
S
Power for IDAC3.
B7
CDAMP3
AI
Damping Capacitor 3. Connect damping capacitor from this pin to PVDD3.
B6
PGND
S
Power Supply Ground for IDACs.
A6
PGND
S
Power Supply Ground for IDACs.
A1
IDAC_TST
AI/AO
Pin for IDAC Test Purposes. Leave IDAC_TST unconnected.
L2
DVDD_1V8
AO
1.8 V Digital Supply. A 470 nF capacitor to DGND1 must be connected to this pin
to stabilize the internal 1.8 V regulator that supplies flash memory and the ARM
Cortex-M3 processor.
K2
DVDD_2V5
AO
2.5 V Digital Supply. A 470 nF capacitor to IOGND3 must be connected to this
pin to stabilize the internal 2.5 V regulator that supplies the analog digital
control.
F9
AVDD_REG0
AO
Analog Regulator 0 Supply. A 470 nF capacitor to AGND4 must be connected to
this pin to stabilize the internal 2.5 V regulator that supplies the ADC.
F10
AVDD_REG1
AO
Analog Regulator 1 Supply. Output of 2.5 V on-chip LDO regulator. A 470 nF
capacitor to AGND4 must be connected to this pin. This regulator supplies the
IDACs.
L1
DGND1
S
Digital Ground 1 for DVDD_1V8.
D10
DGND2
S
Digital Ground 2. Connect to DGND1.
B1
IOVDD1
S
3.3 V GPIO Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com