Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM320BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 13Page - Analog Devices ADUCM320BBCZ Datasheet HTML 14Page - Analog Devices ADUCM320BBCZ Datasheet HTML 15Page - Analog Devices ADUCM320BBCZ Datasheet HTML 16Page - Analog Devices ADUCM320BBCZ Datasheet HTML 17Page - Analog Devices ADUCM320BBCZ Datasheet HTML 18Page - Analog Devices ADUCM320BBCZ Datasheet HTML 19Page - Analog Devices ADUCM320BBCZ Datasheet HTML 20Page - Analog Devices ADUCM320BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
ADuCM320
Data Sheet
Rev. C | Page 16 of 30
SPI Timing
Table 5. SPI Master Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width
(SPIDIV + 1) × tHCLK/2
ns
tSH
SCLK high pulse width
(SPIDIV + 1) × tHCLK/2
ns
tDAV
Data output valid after SCLK edge
0
3
ns
tDSU
Data input setup time before SCLK edge
½ SCLK
ns
tDHD
Data input hold time after SCLK edge
SCLK
ns
tDF
Data output fall time
SCLK
ns
tDR
Data output rise time
25
ns
tSR
SCLK rise time
25
ns
tSF
SCLK fall time
20
ns
Figure 3. SPI Master Mode Timing (Phase Mode = 1)
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
MOSI
MSB
BITS 6 TO 1
LSB
MISO
MSB IN
BITS 6 TO 1
LSB IN
tSH
tSL
tSR
tSF
tDR
tDF
tDAV
tDSU
tDHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com