Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM320BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 21Page - Analog Devices ADUCM320BBCZ Datasheet HTML 22Page - Analog Devices ADUCM320BBCZ Datasheet HTML 23Page - Analog Devices ADUCM320BBCZ Datasheet HTML 24Page - Analog Devices ADUCM320BBCZ Datasheet HTML 25Page - Analog Devices ADUCM320BBCZ Datasheet HTML 26Page - Analog Devices ADUCM320BBCZ Datasheet HTML 27Page - Analog Devices ADUCM320BBCZ Datasheet HTML 28Page - Analog Devices ADUCM320BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
ADuCM320
Data Sheet
Rev. C | Page 24 of 30
Pin
No.
Mnemonic
Type1
Description
D9
P2.4/IRQ5/ADCCONV/PWM6/PLAO[18]
I/O
Digital I/O Port 2.4 (P2.4).
External Interrupt 5 (IRQ5).
External Input to Start ADC Conversions (ADCCONV).
PWM Output 6 (PWM6).
Output of PLA Element 18 (PLAO[18]).
F1
P2.6/IRQ7/PLAO[20]
I/O
Digital I/O Port 2.6 (P2.6).
External Interrupt 7 (IRQ7).
Output of PLA Element 20 (PLAO[20]).
G1
P2.7/IRQ8/PLAO[21]
I/O
Digital I/O Port 2.7 (P2.7).
External Interrupt 8 (IRQ8).
Output of PLA Element 21 (PLAO[21]).
G3
P3.0/PRTADDR0/PLAI[12]
I/O
Digital I/O Port 3.0 (P3.0).
MDIO Port Address Bit 0 (PRTADDR0). See the digital inputs parameter in Table 1
for details.
Input to PLA Element 12 (PLAI[12]).
G2
P3.1/PRTADDR1/PLAI[13]
I/O
Digital I/O Port 3.1 (P3.1).
MDIO Port Address Bit 1 (PRTADDR1). See the digital inputs parameter in Table 1
for details.
Input to PLA Element 13 (PLAI[13]).
D3
P3.2/PRTADDR2/PLAI[14]
I/O
Digital I/O Port 3.2 (P3.2).
MDIO Port Address Bit 2 (PRTADDR2). See the digital inputs parameter in Table 1
for details.
Input to PLA Element 14 (PLAI[14]).
B3
P3.3/PRTADDR3/PLAI[15]
I/O
Digital I/O Port 3.3 (P3.3).
MDIO Port Address Bit 3 (PRTADDR3). See the digital inputs parameter in Table 1
for details.
Output of PLA Element 15 (PLAI[15]).
C11
P3.4/PRTADDR4/PLAO[26]
I/O
Digital I/O Port 3.4 (P3.4).
MDIO Port Address Bit 4 (PRTADDR4). See the digital inputs parameter in Table 1
for details.
Output of PLA Element 26 (PLAO[26]).
H1
P3.5/MCK/PLAO[27]
I/O
Digital I/O Port 3.5 (P3.5).
MDIO Clock (MCK) See the digital inputs parameter in Table 1 for more details.
Output of PLA Element 27 (PLAO[27]).
H3
MDIO
I/O
MDIO Data.
E9
SWCLK
I
Serial Wire Debug Clock.
E10
SWDIO
I/O
Serial Wire Bidirectional Data.
F11
VREF_1V2
S
1.2 V Reference. This pin cannot be used to source current externally. Connect
VREF_1V2 to AGNDx via a 470 nF capacitor.
A11
IREF
AI
IDAC Reference Current. This pin generates the reference current for the IDACs
and is set by an external resistor, REXT. Connect REXT from IREF to AGND4.
J6
AIN0
AI
Analog Input 0.
J7
AIN1
AI
Analog Input 1.
J8
AIN2
AI
Analog Input 2.
K8
AIN3
AI
Analog Input 3.
L8
AIN4
AI
Analog Input 4.
L9
AIN5
AI
Analog Input 5. AIN5 can be the −ve input for the comparator.
K9
AIN6
AI
Analog Input 6. AIN6 is also the +ve input for the comparator.
J9
AIN7
AI
Analog Input 7.
L10
AIN8/P4.2
AI/I/O
Analog Input 8 (AIN8).
Digital I/O Port 4.2 (P4.2).
K10
AIN9/P4.3
AI/I/O
Analog Input 9 (AIN9).
Digital I/O Port 4.3 (P4.3).
J10
AIN10
AI
Analog Input 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com