Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM320BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 10Page - Analog Devices ADUCM320BBCZ Datasheet HTML 11Page - Analog Devices ADUCM320BBCZ Datasheet HTML 12Page - Analog Devices ADUCM320BBCZ Datasheet HTML 13Page - Analog Devices ADUCM320BBCZ Datasheet HTML 14Page - Analog Devices ADUCM320BBCZ Datasheet HTML 15Page - Analog Devices ADUCM320BBCZ Datasheet HTML 16Page - Analog Devices ADUCM320BBCZ Datasheet HTML 17Page - Analog Devices ADUCM320BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Data Sheet
ADuCM320
Rev. C | Page 13 of 30
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS
Input Leakage Current
Logic 1 GPIO
1
nA
VIH = VDD, pull-up resistor disabled
Logic 0 GPIO
10
nA
VIL = 0 V, pull-up resistor disabled
PRTADDRx
Input Leakage Current
16
µA
VIN = 0 to 1.8 V, due to weak pull-
up resistors to 1.8 V
Input Voltage
0.84
1.5
V
External resistor 91 kΩ ± 1% to
ground, range for CFP MSA high1
Input Capacitance, All Pins Except MCK,
MDIO, PRTADDRx, and XTALx
10
pF
Input Capacitance
MCK, PRTADDRx
6.5
pF
MDIO
8.5
pF
Pin Capacitance
XTALI
5
pF
XTALO
5
pF
LOGIC INPUTS
GPIO Input Voltage
Low
VINL
0.25 × IOVDDx
V
High
VINH
0.58 × IOVDDx
V
MDIO
PRTADDRx Input Voltage
Low
VINL
0.36
V
High
VINH
0.84
V
MCK, MDIO Input Voltage
Setup time ≥10 ns; hold time
≥10 ns; MCK/MDIO
Low
VINL
0.36
V
High
VINH
0.84
V
XTALI Input Voltage
Low
VINL
1.1
V
High
VINH
1.7
V
Pull-Up Current
30
120
µA
VIN = 0 V, see Figure 10
Pull-Down Current
30
100
µA
VIN = 3.3 V, see Figure 10
LOGIC OUTPUTS
All digital outputs excluding
XTALO
GPIO Output Voltage7
High
VOH
IOVDDx − 0.4
V
ISOURCE = 2 mA
Low
VOL
0.4
V
ISINK = 2 mA
GPIO Short-Circuit Current1
11
mA
See Figure 13
MDIO
Output Voltage
High
VOH
1.0
V
ISOURCE = 4 mA
Low
VOL
0.2
V
ISINK = 4 mA
Delay Time
100
ns
MCK to MDIO out
OSCILLATORS
Internal System Oscillator
16
MHz
Accuracy
±0.5
±3
%
System PLL
80
MHz
Main system clock
External Crystal Oscillator
16
MHz
Can be selected in place of
internal oscillator
32 kHz Internal Oscillator
32.768
kHz
Use for watchdog
Accuracy
±5
±20
%
External Clock
0.05
80
MHz
Can be selected in place of PLL
START-UP TIME
Processor clock = 80 MHz
At Power-On
40
ms
POR to first user code execution
After Other Reset
1.5
ms
Reset to first user code execution
From All Power-Down Modes
1.25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com