Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC TO MT-RJ PATCH Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # LC TO MT-RJ PATCH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LC TO MT-RJ PATCH Datasheet(HTML) 5 Page - PANDUIT CORP.

  LC TO MT-RJ PATCH Datasheet HTML 1Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 2Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 3Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 4Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 5Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 6Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 7Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 8Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NKFSCCLIP-L
NKFSTMABL^^
NKFSCMBL
NKFSCMPC5BL
NKFLCSMWH
NKFLCCLIP-L
5
visit www.panduit.com/NetKey
NetKey ® Fiber Optic Connectors
Part
Number
Description
LC Connectors - Pot and Polish Termination
NKFLCSMWH
LC 62.5/125µm multimode simplex connector. EI (Electric Ivory) body, WH (White) boot.
NKFLCSMBL
LC 50/125µm multimode simplex connector. EI (Electric Ivory) body, BL (Black) boot.
NKFLCSMAQ
LC 50/125µm OM3/OM4 multimode simplex connector. EI (Electric Ivory) body,
AQ (Aqua) boot.
NKFLCSSWH
LC singlemode simplex connector. BU (Blue) body, WH (White) boot.
NKFLCCLIP-L
LC duplex clip, Red.
• Meets TIA/EIA-568-C.3 requirements
• Insertion loss: .1dB typical (multimode), .2dB typical (singlemode)
• Return loss: >20dB (multimode), >40dB (singlemode)
• Each duplex plug includes housing, insert, two ferrule assemblies, two
crimp sleeves, one boot for 3mm jacketed cable and two dust caps
NKFSCCLIP-L
SC Duplex Clip, Red.
^^NKFSTMABL also available with red boot, replace BL (Black) in part number with RD (Red).
NKFSTMPC6EI
SC Connectors - Pot and Polish Termination
SC Connectors - Pre-Polished Cam Termination
NKFSCMWH
SC 62.5/125µm multimode simplex connector. EI (Electric Ivory) body, WH (White) boot.
NKFSCMBL
SC 50/125µm multimode simplex connector. EI (Electric Ivory) body, BL (Black) boot.
NKFSCMAQ
SC 50/125µm OM3/OM4 multimode simplex connector. EI (Electric Ivory) body,
AQ (Aqua) boot.
NKFSCSWH
SC singlemode simplex connector. BU (Blue) body, WH (White) boot.
ST Connectors - Pot and Polish Termination
NKFSTMABL^^
ST multimode connector with Black boot (62.5/125µm or 50/125µm).
NKFSTSABU
ST singlemode connector with Blue boot.
ST Connectors - Pre-polish Cam Termination
NKFSTMPC6EI
ST OptiCam® Composite Ferrule 62.5/125µm multimode simplex connector, Electric Ivory.
NKFSTMPC5BL
ST OptiCam® Composite Ferrule 50/125µm multimode simplex connector, Black.
NKFSCMPC5BL
SC OptiCam® Composite Ferrule 50/125µm multimode simplex connector, Black.
NKFSCMPC6EI
SC Opticam® Composite Ferrule 62.5/125µm multimode simplex connector, Electric Ivory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com