Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC TO MT-RJ PATCH Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # LC TO MT-RJ PATCH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LC TO MT-RJ PATCH Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button LC TO MT-RJ PATCH Datasheet HTML 3Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 4Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 5Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 6Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 7Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 8Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 9Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 10Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
visit www.panduit.com/NetKey
NetKey ® Fiber Optic Patch Cords and Pigtails
Part
Number*
Description
NKF6GR022-2M01
ST to ST patch cord, OM1, riser, duplex (3 mm jacket).
ST to ST Patch Cords
NKF5GR022-2M01
ST to ST patch cord, OM2, riser, duplex (3 mm jacket).
NKFXGR022-2M01
ST to ST patch cord, OM3, riser, duplex (3 mm jacket).
NKF9GR022-2M01
ST to ST patch cord, singlemode, riser, duplex (3 mm jacket).
NKF6GR02S-SM01
SC to SC patch cord, OM1, riser, duplex (3 mm jacket).
SC to SC Patch Cords
NKF5GR02S-SM01
SC to SC patch cord, OM2, riser, duplex (3 mm jacket).
NKFXGR02S-SM01
SC to SC patch cord, OM3, riser, duplex (3 mm jacket).
NKF9GR02S-SM01
SC to SC patch cord, singlemode, riser, duplex (3 mm jacket).
ST to ST Patch Cord
SC to SC Patch Cord
LC to LC Patch Cord
NKF6ER02L-LM01
LC to LC patch cord, OM1, riser, duplex (1.6 mm jacket).
LC to LC Patch Cords
NKF5ER02L-LM01
LC to LC patch cord, OM2, riser, duplex (1.6 mm jacket).
NKFXER02L-LM01
LC to LC patch cord, OM3, riser, duplex (1.6 mm jacket).
NKF9ER02L-LM01
LC to LC patch cord, singlemode, riser, duplex (1.6 mm jacket).
NKF6ER02S-LM01
SC to LC patch cord, OM1, riser, duplex (1.6 mm jacket).
SC to LC Patch Cords
NKF5ER02S-LM01
SC to LC patch cord, OM2, riser, duplex (1.6 mm jacket).
NKFXER02S-LM01
SC to LC patch cord, OM3, riser, duplex (1.6 mm jacket).
SC to LC Patch Cord
*For standard meter lengths other than 1 meter (2, 3, 5 or 10), change the length designation in the part
number to the desired length. For example, the part number for a 2 meter, ST to ST, OM1, riser, duplex
patch cord is NKF6GR022-2M02.
• Compliant with TIA/EIA 568-C.3-1 and ISO/IEC 11801, TIA-604-5
(FOCIS-5), and UL 1666 (OFNR) flame rating
• Patch cords and pigtails include OM3 fiber or OM1, OM2, or OS1 fiber
in 900µm tight-buffered fiber, 1.6mm or 3.0mm duplex zipcord jacketed
cable or 1.8mm duplex zipcord jacketed cable
• 100% performance tested assures that patch cords and pigtails are
standard compliant, Riser rated jacket meets UL 1666 (OFNR) flame
rating for standard complaint safety
• Q.C. identification label quality control reference provides lifetime
traceability of test data
NKF9ER02S-LM01
SC to LC patch cord, singlemode, riser, duplex, (1.6mm jacket).
NKF6GR022-SM01
ST to SC patch cord, OM1, riser, duplex (3 mm jacket).
ST to SC Patch Cords
NKF5GR022-SM01
ST to SC patch cord, OM2, riser, duplex (3 mm jacket).
NKFXGR022-SM01
ST to SC patch cord, OM3, riser, duplex (3 mm jacket).
NKF9GR022-SM01
ST to SC patch cord, singlemode, riser, duplex (3 mm jacket).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com