Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC TO MT-RJ PATCH Datasheet(PDF) 16 Page - PANDUIT CORP.

Part # LC TO MT-RJ PATCH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LC TO MT-RJ PATCH Datasheet(HTML) 16 Page - PANDUIT CORP.

Back Button LC TO MT-RJ PATCH Datasheet HTML 12Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 13Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 14Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 15Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 16Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 17Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 18Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 19Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 20Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Media Distribution Enclosures
MS14B
MSB24E
MSB14E
• Enclosures offer easy installation, flexibility for quick
modifications and scalability for future growth needs
• Grid pattern in base provides mounting and flexibility for the hubs
• Cantilever mounting slots flex to accommodate misaligned studs
• Integrated drywall positioning slots
• Hinged door (optional) available with lock and key
Base and door for advanced enclosures sold separately.
MS24B
Part
Number
Description
MS14B
14" x 14" media distribution enclosure base.
14.25"H x 14.25"W x 4.00"D (362.0mm x 362.0mm x 101.6mm).
Advanced Enclosure Bases
MS24B
14" x 24" media distribution enclosure base.
24.25"H x 14.25"W x 4.00"D (616.0mm x 362.0mm x 101.6mm).
MS14HD
14" x 14" hinged door with lock and key.
15.81"H x 15.75"W x 0.87"D (401.6mm x 400.0mm x 22.1mm).
Hinged Doors for Advanced Enclosure Bases
MS24HD
14"x 24" hinged door with lock and key.
25.81"H x 15.75"W x 0.87"D (655.6mm x 400.0mm x 22.1mm).
MSB14E
14" x 14" media distribution basic enclosure with screw down door.
14.25"H x 14.25"W x 4.00"D (362.0mm x 362.0mm x 101.6mm).
Basic Enclosure Bases with Doors
MSB24E
14" x 24" media distribution basic enclosure with screw down door.
24.25"H x 14.25"W x 4.00"D (616.0mm x 362.0mm x 101.6mm).
MS24HD
MS14HD
Populated
Advanced Enclosure
Color
White
White
White
White
White
White
MS14BHD
14" x 14" frameless hinged door with slam latch.
15.75"H x 15.75"W x 0.63"D (400.0mm x 400.0mm x 15.9mm).
MS24BHD
14" x 24" frameless hinged door with slam latch.
15.75"H x 25.75"W x 0.63"D (400.0mm x 654.0mm x 15.9mm).
White
White
MS24BHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com