Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC TO MT-RJ PATCH Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # LC TO MT-RJ PATCH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LC TO MT-RJ PATCH Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button LC TO MT-RJ PATCH Datasheet HTML 6Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 7Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 8Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 9Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 10Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 11Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 12Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 13Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 14Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
NK2FIWY
NK1FIWY
NK4FIWY
NK2FNIW
NK4HSFIWY
NKF2S
NK3FNIW
NKF4S
NKF6S
NK4FNIW
NetKey ® Faceplates
• Accept all NetKey® Modules
• Available in a variety of port densities
• Optional labels for easy port identification
Part
Number
Description
NK*FNIW
Single gang, flush mount vertical faceplate.
Flush Mount Screw-On Faceplates‡
NK**FIWY
Single or double gang, flush mount vertical faceplate with labels.
NK^HSFIWY
Single gang, sloped, horizontal faceplate with labels.
NKF^^S
Single gang, stainless steel, vertical faceplate with labels.
Stainless Steel Faceplates
*Available in 1, 2, 3 and 4-port density configurations.
**Available in single gang 1, 2, 4, and 6-port density configurations and 8 or 12-port double gang
port density configurations.
^Available in 2 or 4-port density configurations.
^^Available in 2, 4 or-6 port density configurations. When mounting, opening should be a
minimum of 2" wide.
‡For standard colors other than IW (Off White), replace suffix with EI (Electric Ivory), WH (White),
IG (International Gray) or BL (Black). NK2HSF**Y and NK4HSF**Y not available in BL (Black).
NetKey ® Faceplate Frames and Modular Inserts
NKHF2MIW-X
CHB2MIW-X
NKHS2IW-X
NKHS2SIW-X
CBEIWY
CBEIW-2GY
For standard colors other than IW (Off White), replace suffix with EI (Electric Ivory), WH (White),
IG (International Gray) or BL (Black). Audio/Video inserts found on page 13.
• Inserts and faceplate frames enable design flexibility
• Accept all NetKey ® Modules
• Available in a variety of port densities and orientation
• Optional labels for easy port identification
Part
Number
Description
CBEIWY
Single gang faceplate frame accepts two 1/2 size modular inserts
or three 1/3 size modular inserts. Supplied with labels and label
cover/screw covers.
Executive Series Faceplate Frames
CBEIW-2GY
Double gang faceplate frame accepts four 1/2 size modular inserts
or six 1/3 size modular inserts. Supplied with labels and label
cover/screw covers.
NKHS2IW-X
1/2 size, sloped modular insert. Accepts two NetKey® Modules.
Modular Inserts
NKHS2SIW-X
1/2 size, sloped, shuttered, modular insert. Accepts two
NetKey® Modules.
NKHF2MIW-X
1/3 size flat modular insert. Accepts two NetKey® Modules.
CHB2MIW-X
1/3 blank modular insert reserves space for future use.
CBIW
Single gang faceplate frame accepts two 1/2 size modular inserts
or three 1/3 size modular inserts.
Classic Series Faceplate Frames
CBIW-2G
Double gang faceplate frame accepts two 1/2 size modular inserts
or six 1/3 size modular inserts.
Color
Off White
Off White
Off White
Off White
Color
Off White
Off White
Off White
Off White
Off White
Off White
Off White
Off White
CBIW
CBIW-2G
NK1FNIW
NK8FIWY
NK6FIWY
NK12FIWY
NK2HSFIWY
NK4VSFIWY
NK4VSF
Single gang, 4-port, sloped, vertical faceplate with labels.
Off White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com