Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7699 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices AD7699 Datasheet HTML 14Page - Analog Devices AD7699 Datasheet HTML 15Page - Analog Devices AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7699
Data Sheet
Rev. F | Page 16 of 32
TRANSFER FUNCTIONS
With the inputs configured for unipolar range (single ended,
COM with ground sense, or paired differentially with INx− as
ground sense), the data output is straight binary.
With the inputs configured for bipolar range (COM = VREF/2 or
paired differentially with INx− = VREF/2), the data outputs are
twos complement.
The ideal transfer characteristic for the AD7699 is shown in
Figure 28 and for both unipolar and bipolar ranges with the
internal 4.096 V reference.
100...000
100...001
100...010
011...101
011...110
011...111
TWOS
COMPLEMENT
STRAIGHT
BINARY
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
Figure 28. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
Description
Unipolar Analog Input1
VREF = 4.096 V
Digital Output Code
(Straight Binary Hex)
Bipolar Analog Input2
VREF = 4.096 V
Digital Output Code
(Twos Complement Hex)
FSR − 1 LSB
4.095938 V
0xFFFF3
2.047938 V
0x7FFF3
Midscale + 1 LSB
2.048063 V
0x8001
62.5 μV
0x0001
Midscale
2.048 V
0x8000
0 V
0x0000
Midscale − 1 LSB
2.047938 V
0x7FFF
−62.5 μV
0xFFFF4
−FSR + 1 LSB
62.5 μV
0x0001
−2.047938 V
0x8001
−FSR
0 V
0x00003
−2.048 V
0x8000
1 With COM or INx− = 0 V or all INx referenced to GND.
2 With COM or INx− = VREF/2.
3 This is also the code for an overranged analog input ((INx+) − (INx−), or COM, above VREF − VGND).
4 This is also the code for an underranged analog input ((INx+) − (INx−), or COM, below VGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com