Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7699 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices AD7699 Datasheet HTML 23Page - Analog Devices AD7699 Datasheet HTML 24Page - Analog Devices AD7699 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD7699
Rev. F | Page 21 of 32
External Reference
In any of the five voltage reference schemes, an external refer-
ence can be connected directly on the REF pin because the output
impedance of REF is >5 kΩ. To reduce power consumption, the
reference and buffer can be powered down independently or
together for the lowest power consumption. When only using the
external reference (and optional reference buffer as shown in
Figure 36), an internal buffer is disabled. Refer to Table 10 for
register details. For improved drift performance, an external
reference such as the ADR430/ADR431/ADR433/ADR434/
ADR435 or ADR440/ADR441/ADR443/ADR444/ADR445 is
recommended.
Reference Decoupling
Whether using an internal or external reference, the AD7699
voltage reference output/input, REF, has a dynamic input
impedance and should therefore be driven by a low impedance
source with efficient decoupling between the REF and GND
pins. This decoupling depends on the choice of the voltage
reference but usually consists of a low ESR capacitor connected
to REF and GND with minimum parasitic inductance. A 10 µF
(X5R, 1206 size) ceramic chip capacitor is appropriate when using
the internal reference, the ADR430/ADR431/ADR433/
ADR434/ADR435 or ADR440/ADR441/ADR443/ADR444/
ADR445 external reference, or a low impedance buffer such as
the AD8031 or the AD8605.
The placement of the reference decoupling capacitor is also
important to the performance of the AD7699, as explained in the
Layout section. Mount the decoupling capacitor on the same side as
the ADC at the REF pin with a thick PCB trace. The GND should
also connect to the reference decoupling capacitor with the shortest
distance and to the analog ground plane with several vias.
If desired, smaller reference decoupling capacitor values down
to 2.2 µF can be used with a minimal impact on performance,
especially on DNL.
Regardless, there is no need for an additional lower value ceramic
decoupling capacitor (for example, 100 nF) between the REF
and GND pins.
For applications that use multiple AD7699s or other PulSAR
devices, it is more effective to use the internal reference buffer
to buffer the external reference voltage, thus reducing SAR
conversion crosstalk.
The voltage reference temperature coefficient (TC) directly
impacts full scale; therefore, in applications where full-scale
accuracy matters, care must be taken with the TC. For instance,
a ±15 ppm/°C TC of the reference changes full scale by ±1 LSB/°C.
POWER SUPPLY
The AD7699 uses two power supply pins: an analog and digital
core supply (VDD) and a digital input/output interface supply
(VIO). VIO allows direct interface with any logic between 1.8 V
and VDD. To reduce the supplies needed, the VIO and VDD pins
can be tied together. The AD7699 is independent of power supply
sequencing between VIO and VDD. The only restriction is that
CNV must be low when powering up the AD7699. Additionally,
it is very insensitive to power supply variations over a wide
frequency range, as shown in Figure 34.
75
70
65
60
55
50
45
40
35
30
1
10k
10
100
1k
FREQUENCY (kHz)
Figure 34. PSRR vs. Frequency
The AD7699 powers down automatically at the end of each
conversion phase; therefore, the operating currents and power
scale linearly with the sampling rate. This makes the part ideal
for low sampling rates (even of a few hertz) and low battery-
powered applications.
10,000
1000
100
10
1
0.1
0.010
0.001
10
1M
100
1k
10k
100k
SAMPLING RATE (sps)
VDD = 5V, INTERNAL REF
VDD = 5V, EXTERNAL REF
VIO
Figure 35. Operating Currents vs. Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com