Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7699 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7699 Datasheet HTML 24Page - Analog Devices AD7699 Datasheet HTML 25Page - Analog Devices AD7699 Datasheet HTML 26Page - Analog Devices AD7699 Datasheet HTML 27Page - Analog Devices AD7699 Datasheet HTML 28Page - Analog Devices AD7699 Datasheet HTML 29Page - Analog Devices AD7699 Datasheet HTML 30Page - Analog Devices AD7699 Datasheet HTML 31Page - Analog Devices AD7699 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD7699
Rev. F | Page 29 of 32
CHANNEL SEQUENCER
The AD7699 include a channel sequencer useful for scanning
channels in a repeated fashion. Channels are scanned as singles
or pairs, with or without the temperature sensor, after the last
channel is sequenced.
The sequencer starts with IN0 and finishes with IN[7:0] set in
CFG[9:7]. For paired channels, the channels are paired depend-
ing on the last channel set in CFG[9:7]. Note that in sequencer
mode, the channels are always paired with the positive input on
the even channels (IN0, IN2, IN4, and IN6), and with the
negative input on the odd channels (IN1, IN3, IN5, and IN7).
For example, setting CFG[9:7] = 110 or 111 scans all pairs with
the positive inputs dedicated to IN0, IN2, IN4, and IN6.
CFG[2:1] are used to enable the sequencer. After the CFG
register is updated, DIN must be held low while reading data
out for Bit 13, or the CFG register begins updating again.
Note that while operating in a sequence, some bits of the CFG
register can be changed. However, if changing CFG[11] (paired
or single channel) or CFG[9:7] (last channel in sequence), the
sequence reinitializes and converts IN0 (or IN0/IN1 pairs) after
the CFG register is updated.
Figure 43 details the timing for all three modes without a busy
indicator. The sequencer can also be used with the busy
indicator and details for these timings can be found in the
General Timing With a Busy Indicator section and the
Read/Write Spanning Conversion with a Busy Indicator section.
For sequencer operation, the CFG register must be set during
the (n − 1) phase after power-up. On phase (n), the sequencer
setting takes place and acquires IN0. The first valid conversion
result is available at phase (n + 1). After the last channel set in
CFG[9:7] is converted, the internal temperature sensor data is
output (if enabled), followed by acquisition of IN0.
Examples
With all channels configured for unipolar mode to GND,
including the internal temperature sensor, the sequence scans in
the following order:
IN0, IN1, IN2, IN3, IN4, IN5, IN6, IN7, TEMP, IN0, IN1, IN2…
For paired channels with the internal temperature sensor
enabled, the sequencer scans in the following order:
IN0, IN2, IN4, IN6, TEMP, IN0…
Note that IN1, IN3, IN5, and IN7 are referenced to a GND
sense or VREF/2, as detailed in the Input Configurations section.
ACQUISITION
(n – 1) UNDEFINED
ACQUISITION
(n), IN0
ACQUISITION
(n + 1), IN1
ACQUISITION
(n + 2), IN2
PHASE
POWER
UP
EOC
EOC
SOC
EOC
EOC
CONVERSION
(n – 1) UNDEFINED
CONVERSION
(n), IN0
CONVERSION
(n + 1), IN1
CONVERSION
(n – 2) UNDEFINED
tCONV
tCYC
tDATA
CNV
CNV
CNV
DIN
SDO
XXX
MSB
XXX
MSB
XXX
NOTES
1. CNV MUST BE HIGH PRIOR TO THE END OF CONVERSION (EOC) TO AVOID THE BUSY INDICATOR.
2. A TOTAL OF 16 SCK FALLING EDGES ARE REQUIRED TO RETURN SDO TO HIGH-Z. IF CFG READBACK IS ENABLED,
A TOTAL OF 30 SCK FALLING EDGES IS REQUIRED TO RETURN SDO TO HIGH-Z.
DATA IN0
DATA (n – 1)
XXX
DATA (n – 1)
XXX
DATA (n – 1)
XXX
DATA (n – 1)
XXX
DATA (n – 2)
XXX
DATA (n – 2)
XXX
DATA (n – 2)
XXX
DATA (n – 2)
XXX
DATA (n – 3)
XXX
DIN
SDO
DATA IN1
DATA IN0
DATA IN0
DATA IN0
DATA IN1
DIN
CFG (n)
CFG (n)
SDO
SCK
1
NOTE 1
16
16
16
16
NOTE 2
NOTE 2
NOTE 2
2
1
1
1
SCK
1
16
16
16
n
n
n
n
n + 1
n + 1
n + 1
1
1
SCK
1
1
1
16
16
16
1
1
CFG (n)
RDC
RAC
RSC
CFG (n)
Figure 43. General Channel Sequencer Timing Without a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com