Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65821 Datasheet(PDF) 7 Page - EPCOS

Part # B65821
Description  Ferrites and accessories
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65821 Datasheet(HTML) 7 Page - EPCOS

Back Button B65821 Datasheet HTML 3Page - EPCOS B65821 Datasheet HTML 4Page - EPCOS B65821 Datasheet HTML 5Page - EPCOS B65821 Datasheet HTML 6Page - EPCOS B65821 Datasheet HTML 7Page - EPCOS B65821 Datasheet HTML 8Page - EPCOS B65821 Datasheet HTML 9Page - EPCOS B65821 Datasheet HTML 10Page - EPCOS B65821 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former for power applications with angled pins
Optimized for automatic winding
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
C), color code black
Valox 420-SE0 [E45329 (M)] SABIC INNOVATIVE PLASTICS B V
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
C, 3.5 s
Winding:
see Processing notes, 2.1
For matching clamp and insulating washer 1 see page 8.
Sections
AN
mm2
lN
mm
AR value

Pins
Ordering code
1
15
30
69
8
B65808E1508T001
B65808
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com