Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65821 Datasheet(PDF) 9 Page - EPCOS

Part # B65821
Description  Ferrites and accessories
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65821 Datasheet(HTML) 9 Page - EPCOS

Back Button B65821 Datasheet HTML 5Page - EPCOS B65821 Datasheet HTML 6Page - EPCOS B65821 Datasheet HTML 7Page - EPCOS B65821 Datasheet HTML 8Page - EPCOS B65821 Datasheet HTML 9Page - EPCOS B65821 Datasheet HTML 10Page - EPCOS B65821 Datasheet HTML 11Page - EPCOS B65821 Datasheet HTML 12Page - EPCOS B65821 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
3/23
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
C), color code black
Laperos E 130i E106764 (M), POLYPLASTICS CO LTD
Vectra E 130i E83005 (M), CELANESE INTERNATIONAL CORP.
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245
C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255
C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400
C,1 s
Winding:
see Processing notes, 2.1
Clamp
Without ground terminal, made of stainless spring steel, 0.435 mm thick
Coil former
Clamp
Sections
AN
mm2
lN
mm
AR value

Terminals
Ordering code
1
16.2
31
66
8
B65821C1008T001
Clamp(ordering code per piece, 2 are required)
B65808J2204X000
FRM0311-U-E
0.1
2.5
ø6.5+0.15
4
3
22.8
0.3
22 _
5
6
1
2
0.2
11.1+0.2
16.7 _
8
7
0.2
_
ø12.3
ø7.45 _
PCB layout
Recommended
B65821, B65808
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com