Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65821 Datasheet(PDF) 11 Page - EPCOS

Part # B65821
Description  Ferrites and accessories
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65821 Datasheet(HTML) 11 Page - EPCOS

Back Button B65821 Datasheet HTML 7Page - EPCOS B65821 Datasheet HTML 8Page - EPCOS B65821 Datasheet HTML 9Page - EPCOS B65821 Datasheet HTML 10Page - EPCOS B65821 Datasheet HTML 11Page - EPCOS B65821 Datasheet HTML 12Page - EPCOS B65821 Datasheet HTML 13Page - EPCOS B65821 Datasheet HTML 14Page - EPCOS B65821 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-4
For compact transformers
Without center hole
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 0.58 mm–1
le
= 21.8 mm
Ae = 37.5 mm2
Amin = 31.2 mm2
Ve = 820 mm3
Approx. weight 4.0 g/set
Ungapped
Other AL values/air gaps and materials available on request ─ see Processing remarks on page 12.
Material
AL value
nH
e
PV
W/set
Ordering code
T38
10500 +40/–30%
4860
B65807P0000Y038
N49
2200 +30/–20%
1020
< 0.14 ( 50 mT, 500 kHz, 100
C) B65807P0000R049
N92
2300 +30/–20%
1060
< 0.44 (200 mT, 100 kHz, 100
C) B65807P0000R092
N87
3000 +30/–20%
1390
< 0.40 (200 mT, 100 kHz, 100
C) B65807P0000R087
B65807P
Core
RM 6 »Low Profile«



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com