Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65821 Datasheet(PDF) 8 Page - EPCOS

Part # B65821
Description  Ferrites and accessories
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65821 Datasheet(HTML) 8 Page - EPCOS

Back Button B65821 Datasheet HTML 4Page - EPCOS B65821 Datasheet HTML 5Page - EPCOS B65821 Datasheet HTML 6Page - EPCOS B65821 Datasheet HTML 7Page - EPCOS B65821 Datasheet HTML 8Page - EPCOS B65821 Datasheet HTML 9Page - EPCOS B65821 Datasheet HTML 10Page - EPCOS B65821 Datasheet HTML 11Page - EPCOS B65821 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Clamp
With ground terminal, made of stainless spring steel (tinned), 0.4 mm thick
Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Insulating washer for double-clad PCBs
Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
C), 0.25 mm thick
Makrofol FR7-2 [E168120 (M)], COVESTRO AG
Clamp
Insulating washer
Clamping forces for RM 6
Ordering code
Clamp (ordering code per piece, 2 are required)
B65808B2203X000
Insulating washer (bulk)
B65808C2005X000
FRM0157-Q
Fmin: Extension of clamp from a to a2 = Xmin
Fmax: Extension of clamp from a to a1 = Xmax
Clamp opening a (mm)
9.5 +0.2
Core nose Zmax (mm)
0.22
Height of core pair X (mm) Xmin
Xmax
10.1
10.6
Clamping force F (N)
Fmin
Fmax
7
50
B65808
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com