Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP151
Description  Low Power LVDT Signal Conditioner with Synchronous Demodulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 5 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Circuit Note
CN-0371
Rev. 0 | Page 5 of 6
Setup
Connect the 120-pin connector on the EVAL-CN0371-SDPZ
circuit board to the CON A connector on the EVAL-SDP-CB1Z
SDP-B board. Use nylon hardware to firmly secure the two boards,
using the holes provided at the ends of the 120-pin connectors.
Test
Launch the evaluation software and connect the USB cable
from the PC to the mini-USB connector on the SDP-B board.
When USB communications are established, the SDP-B board
can send, receive, and capture data from the circuit board.
Figure 6 shows a photo of the circuit board connected to the
SDP-B board. Information regarding the SDP-B board can be
found in the UG-277 User Guide.
Information and details regarding test setup, calibration, and
how to use the evaluation software for data capture can be
found in the CN-0371 Software User Guide.
Connectivity for Prototype Development
The EVAL-CN0371-SDPZ circuit board is designed for use with
the EVAL-SDP-CB1Z SDP-B board; however, any microprocessor
can be used to interface to the SPI interface of the AD7192. For
another controller to be used with the EVAL-CN0371-SDPZ
circuit board, software must be developed by a third party.
There are existing interposer boards that can be used to interface
to the Altera and Xilinx field programmable gate arrays (FPGAs).
The BeMicro SDK board from Altera can be used with the
BeMicro SDK/SDP interposer using nios drivers. Any Xilinx
evaluation board that features an FMC connector can be used
with the FMC-SDP interposer board.
The EVAL-CN0371-SDPZ is also compatible with the Digilent,
Imod interface specification.
Figure 6 shows a photo of the system test setup. Complete
documentation including schematics, layouts, Gerber files, and
bill of materials can be found in the CN0371 Design Support
Package at www.analog.com/CN0371-DesignSupport .
Figure 6. EVAL-CN0371-SDPZ Circuit Board Connected to EVAL-SDP-CB1Z SDP-B Board and LVDT with Core Connected to Precision Gauge Head



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com