Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP151
Description  Low Power LVDT Signal Conditioner with Synchronous Demodulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 1 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Circuit Note
CN-0371
Circuits from the Lab® reference designs are engineered and
tested for quick and easy system integration tohelp solve today’s
analog, mixed-signal, and RF design challenges. For more
information and/or support, visit www.analog.com/CN0371.
Devices Connected/Referenced
ADA2200
Synchronous Demodulator and
Configurable Analog Filter
AD7192
4.8 kHz, Ultralow Noise, 24-Bit
Sigma-Delta ADC with PGA
ADG794
Low Voltage, 300 MHz, Quad 2:1 Mux
Analog HDTV Audio/Video Switch
ADP151
Ultralow Noise, 200 mA, CMOS
Linear Regulator
Low Power LVDT Signal Conditioner with Synchronous Demodulation
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0371 Circuit Evaluation Board (EVAL-CN0371-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 is a complete linear variable
differential transformer (LVDT) signal conditioning circuit that
can accurately measure linear position or linear displacement from
a mechanical reference. Synchronous demodulation in the analog
domain is used to extract the position information and provides
immunity to external noise. A 24-bit, Σ-Δ analog-to-digital
converter (ADC) digitizes the position output for high accuracy.
LVDTs utilize electromagnetic coupling between the movable core
and the coil assembly. This contactless (and hence frictionless)
operation is a primary reason for why they are widely used in
aerospace, process controls, robotics, nuclear, chemical plants,
hydraulics, power turbines, and other applications where
operating environments can be hostile and long life and high
reliability are required.
The entire circuit, including the LVDT excitation signal, consumes
only 10 mW of power. The circuit excitation frequency and output
data rates are SPI programmable. The system has a programmable
bandwidth vs. dynamic range trade-off. It supports bandwidths
of over 1 kHz, and at a bandwidth of 20 Hz, the circuit has a
dynamic range of 100 dB, making it ideal for precision industrial
position and gauging applications.
Figure 1. LVDT Signal Conditioning Circuit (Simplified Schematic: All Connections and Decoupling Not Shown)
0.1µF
0.1µF
0.01µF
0.01µF
0.01µF
100Ω
2.2kΩ
2.2kΩ
100Ω
3.3V
0.1µF
0.1µF
5.0V
3.3V
3.3V
3.3V
5.0V
E-100 SERIES LVDT
4.8kHz
4.92kHz
R33
R4
C4
C24
R34
INP
VOCM
INN
OUTN
OUTP
AIN1
DOUT
DIN
SCLK
CS
AVDD
DVDD
AIN2
MCLK2 AGND DGND
REFIN1(+)
REFIN1(–)
RCLK
GND
CLKIN
VDD
R35
C25
ADG794
ADA2200
AD7192
ADP151
Rev. 0
CircuitsfromtheLab®referencedesignsfromAnalogDeviceshavebeendesignedandbuiltbyAnalog
Devices engineers. Standard engineering practices have been employed in the design and
constructionofeachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalab
environment at room temperature. However, you are solely responsible for testing the circuit and
determiningitssuitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshall
AnalogDevicesbeliablefordirect,indirect,special,incidental,consequentialorpunitivedamagesdue
toanycausewhatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2015 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADP151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP151 AD-ADP151 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
ADP151 AD-ADP151 Datasheet
1Mb / 23P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. J
ADP151 AD-ADP151 Datasheet
649Kb / 8P
Multistandard Verified Smoke Detector Solution
Rev. A
More results

Similar Description - ADP151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5521 PHILIPS-NE5521 Datasheet
69Kb / 5P
LVDT signal conditioner
August 31, 1994
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
LVDT Signal Conditioner
AD698 AD-AD698 Datasheet
228Kb / 12P
Universal LVDT Signal Conditioner
REV.B
logo
Zentrum Mikroelektronik...
ZMD31015 ZMD-ZMD31015 Datasheet
441Kb / 2P
Low-cost sensro signal conditioner with dignostics
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
logo
Analog Devices
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
AD598 AD-AD598_15 Datasheet
556Kb / 16P
LVDT Signal Conditioner
REV. A
AD698 AD-AD698_15 Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
LVM-110 TEC-LVM-110 Datasheet
171Kb / 3P
Low cost OEM signal conditioner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com