Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP151
Description  Low Power LVDT Signal Conditioner with Synchronous Demodulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 3 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuit Note
CN-0371
Rev. 0 | Page 3 of 6
For the E-100 LVDT with a 4.8 kHz square wave excitation, the
optimum phase for maximum output is achieved for the following
component values:
R4 = R33 = 2.2 kΩ
R34 = R35 = 1 kΩ
C24 = C25 = 3300 pF
C4 = 0.01 μF
To tune the circuit, the phase can be measured by placing the
LVDT core to produce a near full-scale output signal. Next, make
in-phase (I) and quadrature (Q) output signal measurements.
From these measurements, the relative phase is calculated as
follows:
2
2
Q
I
A


A
Q
REL
1
–
cos
Adjusting the network components until the absolute value of
REL
is less than approximately ±3° improves the circuit
sensitivity to variation in the LVDT electrical parameters.
ADC Selection and Synchronization
The AD7192 Σ-Δ ADC was chosen because it supports a
configurable output data rate and has different digital filter
output options, thereby allowing trade-offs between bandwidth
and noise. The master clock output feature makes it easy to lock
the frequency of the ADC sample clock to the ADA2200 output
signal. This is required to optimize the performance of the
digital filters. The desired value for determining the position
from the LVDT signal is the average value over one excitation
clock period. Therefore, when the AD7192 output date rate is
set to 4.8 kHz, exactly one excitation clock period, the desired
average is obtained. If the excitation clock period and ADC
sampling frequency are not locked, an error is induced in the
recovered position measurements. Dividing the output data rate is
effectively taking the average over multiple excitation clock periods.
The digital filter performance can be analyzed in the frequency
domain as well. Even when the LVDT core position is fixed, the
ADA2200 output signal contains energy at multiples of the
excitation signal frequency. These frequency components are
spurious error sources. The AD7192 has a sinc3 or sinc4 transfer
function with transfer function zeros at multiples of the output
data rate. The output spurs are rejected by setting the output
data rate of the ADC to the excitation signal frequency (or
submultiples of the excitation frequency). If the excitation clock
period and ADC sampling frequency are not locked, the spurs
will not fall in the nulls of the transfer function.
A complete set of documentation for the circuit including
schematics, layouts, and bill of materials can be found at
www.analog.com/CN0371-DesignSupport.
User Software for Performance Analysis
The circuit is supported with a graphical user interface that
facilitates configuring the devices on the board and evaluating
the circuit performance. Tabs are available for performing
circuit calibration and device configuration, as well as for
displaying noise performance, linearity performance, and real
time position measurements. For a complete description of the
software package, see the CN-0371 Software User Guide.
Figure 2. User Software Screen Capture
Noise Analysis
The output noise of the circuit is a function of the ADC output
data rate. Table 1 shows the effective number of bits (ENOB) in
the digitized data vs. the ADC sample rate, assuming a 2.5 V
full-scale output voltage. The noise performance of the circuit
is independent of the LVDT core position.
Table 1. Noise Performance vs. Bandwidth
ADC Data
Rate (SPS)
Output
Bandwidth (Hz)
ENOBs
(RMS)
ENOBs
(P-P)
4800
1300
14.0
11.5
1200
325
14.9
12.4
300
80
15.8
13.3
75
20
16.2
13.6
If the ADA2200 output noise were frequency independent, the
expected effective number of bits would increase by one bit for
every four-fold decrease in the output data rate. The diminishing
increase in ENOBs at the lower output data rates is caused by
the 1/f noise of the output driver that begins to dominate the
noise floor at the lower output data rates.
Linearity Test Results
The linearity results were measured by first performing a two-
point calibration at core displacements of ±2.0 mm. From these
two measurements, the slope and offset were determined to
establish an expected straight line fit. Next, measurements were
taken at core displacements across the full-scale range of
±2.5 mm. The measured data was subtracted from the expected
straight line fit data to determine the linearity error.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com