Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP151
Description  Low Power LVDT Signal Conditioner with Synchronous Demodulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 2 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CN-0371
Circuit Note
CIRCUIT DESCRIPTION
The ADA2200 synchronous demodulator extracts position
information by filtering the LVDT secondary signal before
demodulating the signal to a low frequency output voltage that
is proportional to the LVDT core displacement. The ADA2200
drives the AD7192 24-bit Σ-Δ ADC, which digitizes and filters
the output. The ADA2200 generates the synchronous LVDT
excitation signal, and the ADG794 switch converts the CMOS
level excitation signal into a precision 3.3 V square wave to
drive LVDT primary winding.
The LVDT is an absolute displacement transducer that converts
a linear displacement into a proportional electrical signal. An
LVDT is a specially wound transformer with a moveable core
that is affixed to the position to be measured. An excitation
signal is applied to the primary windings. As the core moves,
the voltage on the secondary windings changes proportionally,
and from this voltage, position is calculated.
There are many types of LVDTs and different ways of extracting
position from them. The Figure 1 circuit uses the LVDT in 4-wire
mode. The two LVDT secondary outputs are connected such
that the voltages oppose each other, performing a subtraction.
When the LVDT core is in its null position, the voltages on each
of the two secondaries are equal, and the voltage difference
across the two windings is zero. As the core moves from the null
position, the difference voltage across the secondary windings
increases. The phase of the LVDT output voltage changes based
on direction.
The master clock for this circuit is generated by the AD7192
ADC. The ADA2200 accepts the master clock and generates
all of its internal clocks, including the reference clock used as
the LVDT excitation signal. The clock dividers on the ADA2200
are configured to provide an excitation signal of 4.8 kHz. The
ADG794 converts the excitation signal to a precision ±3.3 V
square wave from the ADC supply voltage. The 3.3 V supply is
also used as the ADC reference voltage; therefore, the ratiometric
relationship between the excitation signal and ADC reference
voltage improves the noise and stability performance of the circuit.
The 3.3 V for the system is supplied by an ADP151 low dropout
regulator driven from a 5 V supply.
The coupling circuit between the LVDT secondary windings
and the ADA2200 input is used to band limit the signal and
to adjust the relative phase between the RCLK and ADA2200
input. The circuit is configured to maximize the quadrature
(Phase = 90°) response and to minimize the in-phase (Phase = 0°)
response. This enables the position to be determined by only
measuring the quadrature output and makes the ADA2200
output voltage less sensitive to phase variations in the circuit.
The main sources of phase variation come from temperature
changes in the LVDT that cause its effective series resistance
and inductance to change.
The antialiasing filter at the ADA2200 output maintains the
signal bandwidth supported by the ADC. The output bandwidth
of the AD7192 internal digital filter is approximately 0.27 times
the output data rate. To maintain the output bandwidth at the
maximum output date rate of 4.8 kHz, the output antialiasing
filter −3 dB corner frequency is set to approximately 2 kHz. For
systems requiring lower output data rates, the antialiasing filter
corner frequency can be reduced accordingly.
Integrated Synchronous Demodulator
The ADA2200 integrated synchronous demodulator forms the
core of the circuit. It uses a unique charge sharing technology to
perform discrete time signal processing in the analog domain.
The signal path of the ADA2200 is completely differential. It
consists of a high impedance input buffer followed by a fixed
low-pass filter (FIR decimation filter), a programmable IIR
filter, a demodulator, and a differential output buffer. It has an
input and output common-mode voltage equal of 1.65 V (½ of
the 3.3 V supply voltage).
The ADA2200 accepts the 4.92 MHz clock from the AD7192
ADC and generates all of its internal clocking signals as well
as the 4.8 kHz reference clock used as the LVDT excitation
signal. The ADA2200 has configurable clock dividers that can
be programmed to support many different excitation
frequencies.
CMOS Switch
The ADG794 CMOS switch was chosen for the low on
resistance of the switches, fast switching times, break-before-
make switching action, and low cost.
The ADG794 converts the low voltage CMOS-level RCLK
output of the ADA2200 into a low impedance differential
output square wave source, which drives the LVDT. To provide
headroom for the switches to drive the positive 3.3 V signal,
the ADG794 VDD input is supplied from the 5 V power supply.
LVDT
The Figure 1 circuit supports a wide variety of LVDTs with
minor modifications. The E-100 LVDT from Measurement
Specialties, Inc., was used in 4-wire mode to demonstrate the
main attributes of the circuit. The E-100 has a stroke range of
±2.54 mm, an output sensitivity of 240 mV/V at the stroke ends,
and a maximum linearity error of ±0.5% of full-scale range.
The operating frequency range is from 100 Hz to 10 kHz. See
the E-Series LVDT data sheet for complete details.
ADA2200 Input Coupling Network
The ADA2200 input coupling network can be tuned for
different LVDTs. The inductance of the LVDT secondary
windings and the shunt capacitor (C4) form a tank circuit.
The R4 and R33 resistors reduce the Q of the tank circuit,
making the circuit less sensitive to changes in the LVDT
winding inductance and resistance at the expense of increased
power consumption. The pair of RC filters created by R34/C24
and R35/C25 reduces the signal bandwidth and provides
additional degrees of freedom for adjusting the relative phase of
the circuit. The maximum output from the ADA2200 internal
phase sensitive detector (PSD) occurs at relative phase shifts of
0° or 180°.
Rev. 0 | Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com