Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08ABQ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC08ABQ
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08ABQ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC08ABQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74LVC08A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 19 April 2016
4 of 15
NXP Semiconductors
74LVC08A
Quad 2-input AND gate
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
3.6
V
functional
1.2
-
-
V
VI
input voltage
0
-
5.5
V
VO
output voltage
output HIGH or LOW-state
0
-
VCC
V
Tamb
ambient temperature
40
-
+125
C
t/V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
0
-
20
ns/V
VCC = 2.7 V to 3.6 V
0
-
10
ns/V
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
1.08
-
-
1.08
-
V
VCC = 1.65 V to 1.95 V
0.65
 V
CC
-
-
0.65
 V
CC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 1.2 V
-
-
0.12
-
0.12
V
VCC = 1.65 V to 1.95 V
-
-
0.35
 V
CC
-0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level
output
voltage
VI =VIH or VIL
IO = 100 A;
VCC =1.65Vto3.6V
VCC  0.2
-
-
VCC  0.3
-
V
IO = 4mA; VCC = 1.65 V
1.2
-
-
1.05
-
V
IO = 8mA; VCC = 2.3 V
1.8
-
-
1.65
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
2.05
-
V
IO = 18 mA; VCC = 3.0 V
2.4
-
-
2.25
-
V
IO = 24 mA; VCC = 3.0 V
2.2
-
-
2.0
-
V
VOL
LOW-level
output
voltage
VI =VIH or VIL
IO = 100 A;
VCC = 1.65 V to 3.6 V
-
-
0.2
-
0.3
V
IO =4mA; VCC = 1.65 V
-
-
0.45
-
0.65
V
IO =8mA; VCC = 2.3 V
-
-
0.6
-
0.8
V
IO =12mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VCC = 3.6 V; VI =5.5 V orGND
-
0.1
5-
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com