Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08ABQ Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC08ABQ
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08ABQ Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC08ABQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVC08A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 19 April 2016
5 of 15
NXP Semiconductors
74LVC08A
Quad 2-input AND gate
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz, fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-
40
A
I
CC
additional
supply
current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO =0A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-4.0
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA, nB to nY; see Figure 6
[2]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.2
9.0
0.5
10.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.5
6.9
1.0
8.0
ns
VCC = 2.7 V
1.5
2.5
4.8
1.5
5.6
ns
VCC = 3.0 V to 3.6 V
1.0
2.3
4.1
1.0
4.8
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
CPD
power dissipation
capacitance
per gate; VI =GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
4.4
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
7.7
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
10.5
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com