Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08ABQ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC08ABQ
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08ABQ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC08ABQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08ABQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74LVC08A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 19 April 2016
2 of 15
NXP Semiconductors
74LVC08A
Quad 2-input AND gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram for one gate
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
74LVC08A
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aac945
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac946
74LVC08A
GND(1)
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com