Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 653
Description  Dual D-type flip-flop
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  653 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HEF4013B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 9 — 10 December 2015
4 of 16
NXP Semiconductors
HEF4013B
Dual D-type flip-flop
8.
Limiting values
[1]
For SO14 packages: above Tamb = 70 C, Ptot derates linearly with 8 mW/K.
[2]
For TSSOP14 packages: above Tamb = 60 C, Ptot derates linearly with 5.5 mW/K.
9.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+18
V
IIK
input clamping current
VI < 0.5 V or VI >VDD + 0.5 V
-
10
mA
VI
input voltage
0.5
VDD + 0.5
V
IOK
output clamping current
VO < 0.5 V or VO >VDD + 0.5 V
-
10
mA
II/O
input/output current
-
10
mA
IDD
supply current
-
50
mA
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
40
+125
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
SO14
[1]
-500
mW
TSSOP14
[2]
-500
mW
P
power dissipation
per output
-
100
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
3
15
V
VI
input voltage
0
VDD
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VDD = 5 V
-
3.75
s/V
VDD = 10 V
-
0.5
s/V
VDD = 15 V
-
0.08
s/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com