Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 653
Description  Dual D-type flip-flop
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HEF4013B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 9 — 10 December 2015
7 of 16
NXP Semiconductors
HEF4013B
Dual D-type flip-flop
[1]
Typical values of the propagation delays and output transition times can be calculated with the extrapolation formulas. CL is given in pF.
trec
recovery time
nSD input;
see Figure 5
5 V
+15
5-
ns
10 V
15
0
-
ns
15 V
15
0
-
ns
nCD input;
see Figure 5
5 V
40
25
-
ns
10 V
25
10
-
ns
15 V
25
10
-
ns
fclk(max)
maximum clock
frequency
see Figure 4
5 V
7
14
-
MHz
10 V
14
28
-
MHz
15 V
20
40
-
MHz
Table 7.
Dynamic characteristics …continued
Tamb = 25 C; unless otherwise specified. For test circuit see Figure 6.
Symbol Parameter
Conditions
VDD
Extrapolation formula
Min
Typ
Max Unit
Table 8.
Dynamic power dissipation
VSS = 0 V; tr = tf  20 ns; Tamb = 25 C.
Symbol
Parameter
VDD
Typical formula
Where
PD
dynamic power dissipation
5 V
PD = 850  fi + (fo  CL)  VDD2 Wfi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
(f
o  CL) = sum of the outputs;
VDD = supply voltage in V.
10 V PD = 3600  fi + (fo  CL)  VDD2 W
15 V PD = 9000  fi + (fo  CL)  VDD2 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com