Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 653
Description  Dual D-type flip-flop
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  653 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HEF4013B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 9 — 10 December 2015
5 of 16
NXP Semiconductors
HEF4013B
Dual D-type flip-flop
10. Static characteristics
Table 6.
Static characteristics
VSS = 0 V; VI =VSS or VDD; unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = 40 C Tamb = +25 C Tamb = +85 C Tamb = +125 C Unit
Min
Max
Min
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
I
O < 1 A
5 V
3.5
-
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level
input voltage
I
O < 1 A
5 V
-
1.5
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
-
4.0
V
VOH
HIGH-level
output voltage
I
O < 1 A
5 V
4.95
-
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
9.95
-
V
15 V
14.95
-
14.95
-
14.95
-
14.95
-
V
VOL
LOW-level
output voltage
I
O < 1 A
5 V
-
0.05
-
0.05
-
0.05
-
0.05
V
10 V
-
0.05
-
0.05
-
0.05
-
0.05
V
15 V
-
0.05
-
0.05
-
0.05
-
0.05
V
IOH
HIGH-level
output current
VO = 2.5V
5V
-
1.7
-
1.4
-
1.1
-
1.1
mA
VO = 4.6 V
5 V
-
0.64
-
0.5
-
0.36
-
0.36 mA
VO = 9.5 V
10 V
-
1.6
-
1.3
-
0.9
-
0.9
mA
VO = 13.5 V
15 V
-
4.2
-
3.4
-
2.4
-
2.4
mA
IOL
LOW-level
output current
VO = 0.4 V
5 V
0.64
-
0.5
-
0.36
-
0.36
-
mA
VO = 0.5 V
10 V
1.6
-
1.3
-
0.9
-
0.9
-
mA
VO = 1.5 V
15 V
4.2
-
3.4
-
2.4
-
2.4
-
mA
II
input leakage
current
15 V
-
0.1
-
0.1
-
1.0
-
1.0
A
IDD
supply current
all valid input
combinations;
I
O =0 A
5 V
-
1.0
-
1.0
-
30
-
30
A
10 V
-
2.0
-
2.0
-
60
-
60
A
15 V
-
4.0
-
4.0
-
120
-
120
A
CI
input
capacitance
-
---
7.5
--
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com