Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 653
Description  Dual D-type flip-flop
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HEF4013B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 9 — 10 December 2015
6 of 16
NXP Semiconductors
HEF4013B
Dual D-type flip-flop
11. Dynamic characteristics
Table 7.
Dynamic characteristics
Tamb = 25 C; unless otherwise specified. For test circuit see Figure 6.
Symbol Parameter
Conditions
VDD
Extrapolation formula
Min
Typ
Max Unit
tPHL
HIGH to LOW
propagation delay
nCP to nQ, nQ;
see Figure 4
5 V
[1] 83 + 0.55
 C
L
-
110
220
ns
10 V
34 + 0.23
 C
L
-45
90
ns
15 V
22 + 0.16
 C
L
-30
60
ns
nSD to nQ
5 V
[1] 73 + 0.55
 C
L
-
100
200
ns
10 V
29 + 0.23
 C
L
-40
80
ns
15 V
22 + 0.16
 C
L
-30
60
ns
nCD to nQ
5 V
[1] 73 + 0.55
 C
L
-
100
200
ns
10 V
29 + 0.23
 C
L
-40
80
ns
15 V
22 + 0.16
 C
L
-30
60
ns
tPLH
LOW to HIGH
propagation delay
nCP to nQ, nQ;
see Figure 4
5 V
[1] 68 + 0.55
 C
L
-
95
190
ns
10 V
29 + 0.23
 C
L
-40
80
ns
15 V
22 + 0.16
 C
L
-30
60
ns
nSD to nQ
5 V
[1] 48 + 0.55
 C
L
-
75
150
ns
10 V
24 + 0.23
 C
L
-35
70
ns
15 V
17 + 0.16
 C
L
-25
50
ns
nCD to nQ
5 V
[1] 33 + 0.55
 C
L
-
60
120
ns
10 V
19 + 0.23
 C
L
-30
60
ns
15 V
12 + 0.16
 C
L
-20
40
ns
tt
transition time
see Figure 4
5 V
[1] 10 + 1.00
 C
L
-
60
120
ns
10 V
9 + 0.42
 C
L
-30
60
ns
15 V
6 + 0.28
 C
L
-20
40
ns
tsu
set-up time
nD to nCP;
see Figure 4
5 V
40
20
-
ns
10 V
25
10
-
ns
15 V
15
5
-
ns
th
hold time
nD to nCP;
see Figure 4
5 V
20
0
-
ns
10 V
20
0
-
ns
15 V
15
0
-
ns
tW
pulse width
nCP input LOW;
see Figure 4
5 V
60
30
-
ns
10 V
30
15
-
ns
15 V
20
10
-
ns
nSD input HIGH;
see Figure 5
5 V
50
25
-
ns
10 V
24
12
-
ns
15 V
20
10
-
ns
nCD input HIGH;
see Figure 5
5 V
50
25
-
ns
10 V
24
12
-
ns
15 V
20
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com