Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5840 Datasheet(PDF) 66 Page - OSRAM GmbH

Part # DS5840
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS5840 Datasheet(HTML) 66 Page - OSRAM GmbH

Back Button DS5840 Datasheet HTML 62Page - OSRAM GmbH DS5840 Datasheet HTML 63Page - OSRAM GmbH DS5840 Datasheet HTML 64Page - OSRAM GmbH DS5840 Datasheet HTML 65Page - OSRAM GmbH DS5840 Datasheet HTML 66Page - OSRAM GmbH DS5840 Datasheet HTML 67Page - OSRAM GmbH DS5840 Datasheet HTML 68Page - OSRAM GmbH DS5840 Datasheet HTML 69Page - OSRAM GmbH DS5840 Datasheet HTML 70Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
7. Measuring OSRAM DULUX®
compact fluorescent lamps
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
OSRAM DULUX® lamps differ, in some cases quite considerably, from conventional
fluorescent lamps in terms of their technical characteristics.
In measurements, therefore, particular attention should be paid to the following (see
also DIN 5032):
1. Defined ageing of the lamp (100 hours)
2. Adequate burn-in time (stabilisation) before measurements are taken (15 hours)
3. Constant T
a (ambient temperature) during the measurements
4. No destabilisation due to mechanical vibrations, even when switched off
5. High crest factor for lamp voltage (good rms instruments).
6. Short mains supply and measurement instrument wiring to the lamp
(for ECG operation).
If these conditions are met, OSRAM DULUX® lamps display good reproducibility of
electrical and photometric values. Reference lamps measured under the following con-
ditions can be obtained from OSRAM (see 7.6).
Before photometric data is gathered, new lamps should be aged for 100 hours.
All compact fluorescent lamps must contain a small quantity of mercury in the
discharge tube in order to generate light. Some of this mercury, which is in liquid form,
vaporises when the lamp is switched on, while the rest condenses at the coolest spot
(cold spot). Because the discharge tubes of compact fluorescent lamps have such a
narrow cross-section, this transport process takes considerably longer than it does in
standard fluorescent lamps. For this reason, once new OSRAM DULUX® lamps have
been aged by 100 hours, they must be „stabilised“ for a further 15 hours before pho-
tometric measurements are performed, otherwise it will not be possible to obtain
reproducible measured values. Between stabilisation and measurement, OSRAM
DULUX® lamps may be switched off for no more than 24 hours; OSRAM DULUX® … IN
lamps (amalgam lamps) may be switched off for no more than 10 seconds.
Note: Stabilisation is not required for lamps without amalgam in the base-up position
if their position does not change after they have been aged for 100 hours or after the
last stabilisation process and if they are conveyed carefully when moved from the
burn-in position to the measurement position, avoiding any mechanical vibration,
sharp movements or tilting. OSRAM DULUX® L + F are stabilised in the horizontal bur-
ning position.
In the measurement position, the lamps should be burnt in for a further 30 minutes
before measurements are taken.
Exception: OSRAM DULUX® T IN and T/E IN should be burned in for two hours.
Because of the widely different spectrums of OSRAM DULUX® lamps, special care
should be taken to ensure good spectral matching of the light receiver to the V (
λ) curve
according to DIN 5031.
The requirements that the photometer must meet are the same as those for linear
fluorescent lamps.
7
Measuring OSRAM
DULUX® compact
fluorescent lamps
7.1
Aging of the
lamps
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com