Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5840 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # DS5840
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS5840 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button DS5840 Datasheet HTML 8Page - OSRAM GmbH DS5840 Datasheet HTML 9Page - OSRAM GmbH DS5840 Datasheet HTML 10Page - OSRAM GmbH DS5840 Datasheet HTML 11Page - OSRAM GmbH DS5840 Datasheet HTML 12Page - OSRAM GmbH DS5840 Datasheet HTML 13Page - OSRAM GmbH DS5840 Datasheet HTML 14Page - OSRAM GmbH DS5840 Datasheet HTML 15Page - OSRAM GmbH DS5840 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
1. General
11
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
1.5
What accessories
are needed for
OSRAM DULUX®
lamps?
As it is the case with fluorescent lamps, OSRAM DULUX® compact fluorescent lamps
(CFLs) require suitable control gears. A distinction is made between lamps with two-pin
bases for operation on conventional (magnetic) control gear (CCG) and lamps with four-
pin bases for operation on electronic control gear (ECG).
With conventional control gear, a choke is used to limit the current and, in conjunction
with the starter housed in the lower section of the base (on OSRAM DULUX® S, D and T)
to ignite the lamp. OSRAM DULUX® L and OSRAM DULUX® F lamps require an external
starter.
OSRAM DULUX® D 18 W, OSRAM DULUX® T 18 W and OSRAM DULUX® T 18 W IN
need special conventional control gear, adjusted to a lamp current of 220 mA. Operation
of these lamps on CCG for L 18 W fluorescent lamps with a lamp current of 370 mA will
overload the lamps. This will cause serious blackening of the lamp glass in the electrode
region and reduce the life of the lamps considerably.
Conventional control gear is available in different versions (with integrated lampholder,
for example, or integrated in the mains plug). With some types of lamp, it is possible to
connect two lamps in series in conjunction with suitable control gear.
CCG operation is generally an inductive form of operation. In connection with suitable
close-tolerance capacitors, capacitive operation (choke and capacitor in series) is also
possible. To maintain the prescribed operating and preheating values, close-tolerance
capacitors (± 2 %) and chokes (± 1,5 %) from renowned manufacturers are needed for
series compensation – dielectric strength of the capacitors 450 V ac. However, this
mode of operation is suitable only for a few types of lamp (see 3.2).
In addition to what is generally refferred to as standard control gear, the group of induc-
tive control gear includes low-loss gear (LLG). As their name suggests, this type of con-
trol gear is characterised by its low power loss.
Operating lamps on electronic control gear is a much better option. Apart from the
benefits of more comfortable light, longer lamp life and greater luminous efficacy from
the system (lamp + ECG), the functions of ignition, current limitation and compensation
are all integrated in the ECG. ECGs are also suitable for operation on direct current
(which means they can be used in emergency lighting systems) and comply with safety
standards (automatic disconnection of faulty lamps, etc.). There are ECG models for
most single and double-lamp arrangements. Some models have an integrated lamphol-
der (DULUXTRONIC®, for example).
OSRAM DULUX® lamps are equipped with pin bases. Appropriate lampholders are
available as standard products from all leading manufacturers in a wide variety of de-
signs (surface-mounting and push-in lampholders for screw or clamp mounting, for
example; see 6.1).
OSRAM DULUX® L lamps need a lamp support in addition to the lampholder. Lamp sup-
ports are optional for other OSRAM DULUX® lamps, such as the OSRAM DULUX® S and
OSRAM DULUX® F (see 6.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com