Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5840 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # DS5840
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS5840 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button DS5840 Datasheet HTML 16Page - OSRAM GmbH DS5840 Datasheet HTML 17Page - OSRAM GmbH DS5840 Datasheet HTML 18Page - OSRAM GmbH DS5840 Datasheet HTML 19Page - OSRAM GmbH DS5840 Datasheet HTML 20Page - OSRAM GmbH DS5840 Datasheet HTML 21Page - OSRAM GmbH DS5840 Datasheet HTML 22Page - OSRAM GmbH DS5840 Datasheet HTML 23Page - OSRAM GmbH DS5840 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
2. Lamp data
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
19
OSRAM DULUX® S, D, T, F and L lamps can be operated on conventional control gear. In
the OSRAM DULUX® S, D and T models the starter necessary for ignition is accommoda-
ted in the lower section of the base; a separate starter is needed for OSRAM DULUX® F
and L models (see 6.3). Exceptions are the OSRAM DULUX® L 40, 55 and 80 W, which are
approved only for high-frequency operation.
OSRAM DULUX® S/E, D/E and T/E and T/E IN lamps (up to 26 W) with four-pin bases can,
in principle, be operated with a separate starter but this is not recommended (see 3.2.3).
Measurement conditions
according to IEC 60901:
220 V / 50 Hz supply voltage1)
Operation on reference gear
Ambient temperature 25°C
Lamps aged for 100 hours
Base-up position for OSRAM DULUX® S, D, T
Horizontal position for OSRAM DULUX® L, F
Reference control
Lamp data (rated values)
gear data
Lamp
Lumi-
Lamp
Lumi-
Arc
Lamp
Cali-
Im-
Power
reference
nous
watt-
nous
vol-
current bration
ped-
factor
flux
age
efficacy
tage
current
ance
lm
W
lm/W
V
mA
mA
Ω
OSRAM DULUX® S 5W
250
5.4
46
35
180
170
1180 0.12
OSRAM DULUX® S 7W
400
7.1
56
47
175
170
1180 0.12
OSRAM DULUX® S 9W
600
8.7
69
60
170
170
1180 0.12
OSRAM DULUX® S 11W
900
11.8
76
91
155
170
1180 0.12
OSRAM DULUX® D 10W
600
10
60
64
190
190
1070 0.12
OSRAM DULUX® D 13W
900
13
69
91
175
165
1070 0.12
OSRAM DULUX® D 18W
1200
18
67
100
220
220
800
0.12
OSRAM DULUX® D 26W
1800
26
69
105
325
315
540
0.10
OSRAM DULUX® T 13W
900
13
69
91
175
165
1070 0.12
OSRAM DULUX® T 18W
1200
18
67
100
225
220
800
0.12
OSRAM DULUX® T 26W
1800
26.5
69
105
325
315
540
0.10
OSRAM DULUX® L 18W
1200
18
67
58
375
370
540
0.10
OSRAM DULUX® L 24W
1800
24
75
87
345
340
540
0.10
OSRAM DULUX® L 36W
2900
36
67
106
435
430
390
0.10
OSRAM DULUX® F 18W
1100
18
61
56
375
370
540
0.10
OSRAM DULUX® F 24W
1700
24
71
87
345
340
540
0.10
OSRAM DULUX® F 36W
2800
36
67
106
435
430
390
0.10
1)
In accordance with IEC 60901, measurements are taken at 220 V/50 Hz on the reference control gear.
There is no change, however, in the electrical lamp data for 230 V and 240 V supplies, provided
suitable control gear is used.
2.2.2 Inductive operation
Single-lamp circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com