Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5840 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # DS5840
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS5840 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button DS5840 Datasheet HTML 9Page - OSRAM GmbH DS5840 Datasheet HTML 10Page - OSRAM GmbH DS5840 Datasheet HTML 11Page - OSRAM GmbH DS5840 Datasheet HTML 12Page - OSRAM GmbH DS5840 Datasheet HTML 13Page - OSRAM GmbH DS5840 Datasheet HTML 14Page - OSRAM GmbH DS5840 Datasheet HTML 15Page - OSRAM GmbH DS5840 Datasheet HTML 16Page - OSRAM GmbH DS5840 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
2. Lamp data
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.1.2 OSRAM
DULUX® S/E
27
max.
12
2.1.1 OSRAM DULUX® S
34
27
max.
12
2
Lamp data
2.1
Geometric
data
The tables below show the maximum overall lengths and the maximum lengths to
IEC 60901.
These dimensions do not include the clearance required to replace the lamp.
12
Type
Overall length1) l max.
Maximum length l to IEC
Base
mm
mm
OSRAM DULUX® S/E 5 W
85
85
2 G 7
OSRAM DULUX® S/E 7 W
114
115
2 G 7
OSRAM DULUX® S/E 9 W
144
145
2 G 7
OSRAM DULUX® S/E 11 W
214
215
2 G 7
1)
- 6 mm tolerance
Type
Overall length1)
Overall length1)
Maximum length
Base
l1 max.
l2 max.
l1 to IEC
mm
mm
mm
OSRAM DULUX® S 5 W
85
108
85
G 23
OSRAM DULUX® S 7 W
114
137
115
G 23
OSRAM DULUX® S 9 W
144
167
145
G 23
OSRAM DULUX® S 11 W
214
237
215
G 23
1)
- 6 mm tolerance
G23
2G7
Add geometry on the Icon
Add geometry on the Icon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com