Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R14-6A Datasheet(PDF) 7 Page - Kemet Corporation

Part # FG-R14-6A
Description  Fluxgate-Based Residual Current Sensor, FG-R14 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R14-6A Datasheet(HTML) 7 Page - Kemet Corporation

Back Button FG-R14-6A Datasheet HTML 3Page - Kemet Corporation FG-R14-6A Datasheet HTML 4Page - Kemet Corporation FG-R14-6A Datasheet HTML 5Page - Kemet Corporation FG-R14-6A Datasheet HTML 6Page - Kemet Corporation FG-R14-6A Datasheet HTML 7Page - Kemet Corporation FG-R14-6A Datasheet HTML 8Page - Kemet Corporation FG-R14-6A Datasheet HTML 9Page - Kemet Corporation FG-R14-6A Datasheet HTML 10Page - Kemet Corporation FG-R14-6A Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
© KEMET Electronics Corporation • One East Broward Boulevard
SE0227_FG-R14 • 1/27/2025
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Current Sensors – Fluxgate-Based Residual Current Sensor, FG-R04 Series
Tests (cont.)
EMC Test
DC Alarm and AC Alarm do not malfunction during noise stimulation.
Parameter
Conditions
Result
IEC 61000-4-3
Radiated, radio-frequency,electromagnetic
field immunity
20 V/m
80 MHz – 1 GHz 80% AM 1 kHz
Passed
ISO 11452-2 (ALSE)
Electrical disturbances from narrowband
radiated electromagnetic energy
50 V/m
200 MHz – 800 MHz 80% AM 1 kHz,
800 MHz – 2 GHz PM
Passed
ISO 11452-4 (BCI)
Electrical disturbances from narrowband
radiated electromagnetic energy
100 mA
20 MHz – 200 MHz 80% AM 1 kHz
Passed
IEC 62955 § 9.18.2
Surge current immunity test
Peak 3,000 A
Virtual front time 8 µs
Virtual time to half value 20 µs
Passed
Dielectric Strength
Parameter
Conditions
Values
U
W, prim-sec
Impulse(1.2 µs/50 µs),
PIN1-6 vs Busbar (7-14),
5 pulse -> polarity +, 5 pulse -> polarity
6,000 V
U
W, prim-prim
Impulse(1.2 µs/50 µs)
Busbar 7 vs 9, 9 vs 11, 11 vs 13
5 pulse -> polarity +, 5 pulse -> polarity
4,000 V
U
d, prim-sec
Test voltage, 60 seconds
PIN1-6 vs Busbar (9-16)
4,000 V
rms
U
d, prim-prim
Test voltage, 5s
Busbar 7 vs 9, 9 vs 11, 11 vs 13
1.5kV
rms
U
PDx1.5
Partial discharge voltage,
PIN1-6 vs Busbar (7-14)
Acc. to IEC 61800-5-1:2007 table 24
1.2kV
rms
U
PDx1.875
Partial discharge voltage,
PIN1-6 vs Busbar (7-14)
Acc. to IEC 61800-5-1:2007 table 24
1.5kV
rms
* IEC 61800-5-1:2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com