Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R14-6A Datasheet(PDF) 12 Page - Kemet Corporation

Part # FG-R14-6A
Description  Fluxgate-Based Residual Current Sensor, FG-R14 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R14-6A Datasheet(HTML) 12 Page - Kemet Corporation

Back Button FG-R14-6A Datasheet HTML 5Page - Kemet Corporation FG-R14-6A Datasheet HTML 6Page - Kemet Corporation FG-R14-6A Datasheet HTML 7Page - Kemet Corporation FG-R14-6A Datasheet HTML 8Page - Kemet Corporation FG-R14-6A Datasheet HTML 9Page - Kemet Corporation FG-R14-6A Datasheet HTML 10Page - Kemet Corporation FG-R14-6A Datasheet HTML 11Page - Kemet Corporation FG-R14-6A Datasheet HTML 12Page - Kemet Corporation FG-R14-6A Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
© KEMET Electronics Corporation • One East Broward Boulevard
SE0227_FG-R14 • 1/27/2025
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Current Sensors – Fluxgate-Based Residual Current Sensor, FG-R04 Series
Handling Precautions
Precautions for Product Storage
Current sensors should be stored in normal working environments. While the sensors are quite robust in other
environments, exposure to high temperatures, high humidity, corrosive atmospheres, and long-term storage degrade
solderability.
KEMET recommends that maximum storage temperature not exceed 85°C and atmospheres should be free of chlorine
and sulfur-bearing compounds. Temperature fluctuations should be minimized to avoid condensation on the parts. Avoid
storage near strong magnetic fields, as they can magnetize the product and cause its characteristics to change. Limit
ambient magnetic fields to 50e or less.
For optimized solderability, the stock of current sensors should be used within 12 months of receipt.
Before Using Fluxgate-Based Residual Current Sensors
• Do NOT drop or apply any other mechanical stress, as such stresses may change performance characteristics.
• Do NOT exceed 260°C for 10 seconds when soldering. This is the maximum heat resistance grade of these sensors. Use a
low-corrosion type flux when soldering.
• Do NOT allow strong static electricity near the sensor, as the circuit uses ICs. Static electricity can cause damage. Take
static electricity precautions when handling.
• The case is Insulation Materials Group III. When desiging the primary wire, be careful of clearance and creepage distance
from the input/output terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com