Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R14-6A Datasheet(PDF) 8 Page - Kemet Corporation

Part # FG-R14-6A
Description  Fluxgate-Based Residual Current Sensor, FG-R14 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R14-6A Datasheet(HTML) 8 Page - Kemet Corporation

Back Button FG-R14-6A Datasheet HTML 4Page - Kemet Corporation FG-R14-6A Datasheet HTML 5Page - Kemet Corporation FG-R14-6A Datasheet HTML 6Page - Kemet Corporation FG-R14-6A Datasheet HTML 7Page - Kemet Corporation FG-R14-6A Datasheet HTML 8Page - Kemet Corporation FG-R14-6A Datasheet HTML 9Page - Kemet Corporation FG-R14-6A Datasheet HTML 10Page - Kemet Corporation FG-R14-6A Datasheet HTML 11Page - Kemet Corporation FG-R14-6A Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
© KEMET Electronics Corporation • One East Broward Boulevard
SE0227_FG-R14 • 1/27/2025
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Current Sensors – Fluxgate-Based Residual Current Sensor, FG-R04 Series
Table 1 – Ratings & Part Number Reference
Part
Number
Measurement
Range (mA)
DC Detection
Current1 (mA)
AC Detection
Current1 2 (mArms)
DC Alarm
Response Time (ms)
AC Alarm
Response Time (ms)
FG-R14-6A
-50 - +50
4.5 typical
3 minimum
6 maximum
17.5 typical
15 minimum
20 maximum
(at 55 Hz)
695 typical, 1,000 maximum
(at measurement = 6 mA)
40 typical, 250 maximum
(at measurement = 60 mA)
12 typical, 15 maximum
(at measurement = 300 mA)
60 typical, 250 maximum
(at measurement = 30 mArms)
25 typical, 100 maximum
(at measurement = 60 mArms)
8 typical, 20 maximum
(at measurement = 150 mArms)
7 typical, 10 maximum
(at measurement = 264 mArms)
7 typical, 10 maximum
(at measurement > 5 Arms)
FG-R14-6B
27.5 typical
25 minimum
30 maximum
(at 55 Hz)
170 typical, 250 maximum
(at measurement = 30 mArms)
40 typical, 100 maximum
(at measurement = 60 mArms)
15 typical, 20 maximum
(at measurement = 150 mArms)
6 typical, 10 maximum
(at measurement > 5 Arms)
Part
Number
PIN 3 AOUT
Sensitivity (V/A)
PIN 3 AOUT
Offset Voltage (V)
PIN 3 AOUT
Frequency Range (Hz) Hole Diameter (mm)
Weight (g)
FG-R14-6A
40 typical
2.25 typical
-
-
32
FG-R14-6B
Soldering Process
Wave Soldering
Preheating temperature
100 – 140°C
Preheating time
within 40 seconds
Heating temperature
260°C
Heating time
within 10 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com