Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R14-6A Datasheet(PDF) 4 Page - Kemet Corporation

Part # FG-R14-6A
Description  Fluxgate-Based Residual Current Sensor, FG-R14 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R14-6A Datasheet(HTML) 4 Page - Kemet Corporation

  FG-R14-6A Datasheet HTML 1Page - Kemet Corporation FG-R14-6A Datasheet HTML 2Page - Kemet Corporation FG-R14-6A Datasheet HTML 3Page - Kemet Corporation FG-R14-6A Datasheet HTML 4Page - Kemet Corporation FG-R14-6A Datasheet HTML 5Page - Kemet Corporation FG-R14-6A Datasheet HTML 6Page - Kemet Corporation FG-R14-6A Datasheet HTML 7Page - Kemet Corporation FG-R14-6A Datasheet HTML 8Page - Kemet Corporation FG-R14-6A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
© KEMET Electronics Corporation • One East Broward Boulevard
SE0227_FG-R14 • 1/27/2025
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Current Sensors – Fluxgate-Based Residual Current Sensor, FG-R04 Series
Output Characteristics (cont.)
PIN 3 Analog Output – DC Characteristics
Input
Current
Analog
Output
50mA
-50mA
2.25 V
4.5 V
0
Output State
FG-R14-6A
DC Alarm
AC Alarm
State
GND
GND
Normal Condition
High Impedance
GND
DC Detection Current ≥ 6 mA
GND
High Impedance
AC Detection Current ≥ 20 mA
High Impedance
High Impedance
DC Detection Current ≥ 6 mA and AC Detection Current ≥ 20 mA
Temperature of primary wire should not exceed 105°C.
The rise time of the supply voltage is 50 us to 100 ms.
FG-R14-6B
DC Alarm
AC Alarm
State
GND
GND
Normal Condition
High Impedance
GND
DC Detection Current ≥ 6 mA
GND
High Impedance
AC Detection Current ≥ 30 mA
High Impedance
High Impedance
DC Detection Current ≥ 6 mA and AC Detection Current ≥ 30 mA
Temperature of primary wire should not exceed 105°C.
The rise time of the supply voltage is 50 us to 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com