Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QCAA-R7 Datasheet(PDF) 38 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 38 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 42Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 444 page
background image
Core components
• If two (or more) bus masters request access to the same slave device, the master with the highest
priority is granted the access first.
• Bus masters with lower priority are stalled until the higher priority master has completed its
transaction.
• If the higher priority master pauses at any point during its transaction, the lower priority master in
queue is temporarily granted access to the slave device until the higher priority master resumes its
activity.
• Bus masters that have the same priority are mutually exclusive, thus cannot be used concurrently.
Below is a list of bus masters in the system and their priorities.
Bus master name
Description
CPU
SPIM0/SPIS0
Same priority and mutually exclusive
RADIO
CCM/ECB/AAR
Same priority and mutually exclusive
SAADC
UARTE0
TWIM0/TWIS0
Same priority and mutually exclusive
PDM
PWM
Table 11: AHB bus masters (listed in priority order, highest to lowest)
Defined bus masters are the CPU and the peripherals with implemented EasyDMA, and the available
slaves are RAM AHB slaves. How the bus masters and slaves are connected using the interconnection
matrix is illustrated in Memory on page 16.
4.8 Debug
Debug system offers a flexible and powerful mechanism for non-intrusive debugging.
DAP
CPU
ARM Cortex-M4
SWDCLK
SWDIO
SW-DP
POWER
CxxxPWRUPREQ
CxxxPWRUPRACK
Power
External
debugger
Peripherals
RAM & flash
APB/AHB
AHB
AHB-AP
DAP bus
interconnect
APPROTECT.PALL
CTRL-AP
UICR
NVMC
Figure 7: Overview
The main features of the debug system are:
• Two-pin serial wire debug (SWD) interface
• Flash patch and breakpoint (FPB) unit supports:
4454_140 v1.0
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com