Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QCAA-R7 Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 444 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ERASEPAGE
Register for starting erase of a page in code area.
The value is the address to the page to be erased (addresses
of first word in page). Note that the erase must be enabled
using CONFIG.WEN before the page can be erased.
Attempts to erase pages that are outside the code area may
result in undesirable behavior, e.g. the wrong page may be
erased.
4.3.7.4 ERASEPCR1 ( Deprecated )
Address offset: 0x508
Register for erasing a page in code area. Equivalent to ERASEPAGE.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ERASEPCR1
Register for erasing a page in code area. Equivalent to
ERASEPAGE.
4.3.7.5 ERASEALL
Address offset: 0x50C
Register for erasing all non-volatile user memory
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ERASEALL
Erase all non-volatile memory including UICR registers. Note
that the erase must be enabled using CONFIG.WEN before
the non-volatile memory can be erased.
NoOperation
0
No operation
Erase
1
Start erase of chip
4.3.7.6 ERASEPCR0 ( Deprecated )
Address offset: 0x510
Register for erasing a page in code area. Equivalent to ERASEPAGE.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ERASEPCR0
Register for starting erase of a page in code area. Equivalent
to ERASEPAGE.
4454_140 v1.0
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com