Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QCAA-R7 Datasheet(PDF) 52 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 52 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 56Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 444 page
background image
Power and clock management
5.3.5 RAM power control
The RAM power control registers are used for configuring the following:
• The RAM sections to be retained during System OFF
• The RAM sections to be retained and accessible during System ON
In System OFF, retention of a RAM section is configured in the RETENTION field of the corresponding
RAM[n] register.
In System ON, retention and accessibility for a RAM section is configured in the RETENTION and POWER
fields of the corresponding RAM[n] register.
The following table summarizes the behavior of these registers.
Configuration
RAM section status
System on/off
RAM[n].POWER.POWER
RAM[n].POWER.RETENTION Accessible
Retained
Off
x
Off
No
No
Off
x
On
No
Yes
On
Off
Off
No
No
On
Off1
On
No
Yes
On
On
x
Yes
Yes
Table 14: RAM section configuration. x = don't care.
The advantage of not retaining RAM contents is that the overall current consumption is reduced.
See chapter Memory on page 16 for more information on RAM sections.
5.3.6 Reset
There are multiple sources that may trigger a reset.
After a reset has occurred, register RESETREAS can be read to determine which source generated the
reset.
5.3.6.1 Power-on reset
The power-on reset generator initializes the system at power-on.
The system is held in reset state until the supply has reached the minimum operating voltage and the
internal voltage regulators have started.
A step increase in supply voltage of 300 mV or more, with rise time of 300 ms or less, within the valid
supply range, may result in a system reset.
5.3.6.2 Pin reset
A pin reset is generated when the physical reset pin on the device is asserted.
Pin reset is configured via the PSELRESET[n] registers.
Note: Pin reset is not available on all pins.
5.3.6.3 Wakeup from System OFF mode reset
The device is reset when it wakes up from System OFF mode.
1 Not useful setting. RAM section power off gives negligible reduction in current consumption when
retention is on.
4454_140 v1.0
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com