Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QCAA-R7 Datasheet(PDF) 57 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 57 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 61Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 444 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW POFWARN
Write '1' to disable interrupt for event POFWARN
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW SLEEPENTER
Write '1' to disable interrupt for event SLEEPENTER
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW SLEEPEXIT
Write '1' to disable interrupt for event SLEEPEXIT
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
5.3.9.8 RESETREAS
Address offset: 0x400
Reset reason
Unless cleared, the RESETREAS register will be cumulative. A field is cleared by writing '1' to it. If none
of the reset sources are flagged, this indicates that the chip was reset from the on-chip reset generator,
which will indicate a power-on-reset or a brownout reset.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
F
E
D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW RESETPIN
Reset from pin-reset detected
NotDetected
0
Not detected
Detected
1
Detected
B
RW DOG
Reset from watchdog detected
NotDetected
0
Not detected
Detected
1
Detected
C
RW SREQ
Reset from soft reset detected
NotDetected
0
Not detected
Detected
1
Detected
D
RW LOCKUP
Reset from CPU lock-up detected
NotDetected
0
Not detected
Detected
1
Detected
E
RW OFF
Reset due to wake up from System OFF mode when wakeup
is triggered from DETECT signal from GPIO
NotDetected
0
Not detected
Detected
1
Detected
F
RW DIF
Reset due to wake up from System OFF mode when wakeup
is triggered from entering into debug interface mode
NotDetected
0
Not detected
Detected
1
Detected
5.3.9.9 SYSTEMOFF
Address offset: 0x500
4454_140 v1.0
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com