Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTBPDH4 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ACTBPDH4
Description  High Carrying Current 1 Form A Type Relay for Miniature PC board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTBPDH4 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ACTBPDH4 Datasheet HTML 1Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 2Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 3Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 4Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 5Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 6Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Automotive Relays TB RELAYS POWER TYPE
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB377E 202103
Panasonic Corporation 2021
3.Distribution of operate (set) and release
(reset) voltage
Sample: ACTBPDH4, 80 pcs.
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
8
7
Operate voltage
Release voltage
Voltage, V
4.Distribution of operate (set) and release
(reset) time
Sample: ACTBPDH4, 80 pcs.
* Without diode
0
20
10
40
60
30
50
70
80
0
1
2
3
4
5
6
8
7
Operate time
Release time
Time, ms
5.Electrical life test (Resistive and capacitor)
Min.
Max.
Ave.
Sample: ACTBPDH4, 6 pcs.
Load: Inrush current: 70 A, Steady current: 15 A 14 V
DC
Switching frequency: ON 0.15 s, OFF 4.85 s
Ambient temperature: Room temperature
Circuit:
Change of operate ( set ) and release ( reset ) voltage
Contact welding: 0 time
Miscontact: 0 time
Contact welding: 0 time
Miscontact: 0 time
10
20
30
0
8
7
4
2
3
6
5
1
40
50
0
Max.
Max.
Min.
Min.
Ave.
Ave.
10
5
0
10
5
0
Change of contact resistance
Operate voltage
Operate voltage
Release voltage
Release voltage
No. of operations, × 104
No. of operations, × 104
DIMENSIONS
CAD
The CAD data of the products with a “CAD” mark can be downloaded from our Website.
Unit: mm
1 Form A
High heat resistant type
COM
COIL
COIL
N.O.
N.O.
COM
* The lamp control type has
polarized contacts. Connect
N.O. to the “+ (plus)” side.
8.4
4
Tolerance: ± 0.1
4×1.9 dia.
2×1.1 dia.
14±0.5
0.4
0.6
0.3
9.2±0.5
0.3
8.4
4
(0.8)
* Dimensions (thickness and width) of terminal is measured after pre-soldering.
Intervals between terminals is measured at A surface level.
1.5
+0.3
ー0.1
+0.3
ー0.1
+0.3
ー0.1
0.3
+0.3
ー0.1
1.5
+0.3
ー0.1
+0.3
ー0.1
+0.3
ー0.1
A surface
level
Pre-soldering (all terminals)
Tolerance
Max. 1 mm: ± 0.1
1 to 3 mm : ± 0.2
Min. 3 mm : ± 0.3
CAD
External dimensions
PC board pattern
(BOTTOM VIEW)
Schematic
(BOTTOM VIEW)
ー 3 ー



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com