Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTBPDH4 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ACTBPDH4
Description  High Carrying Current 1 Form A Type Relay for Miniature PC board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTBPDH4 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ACTBPDH4 Datasheet HTML 1Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 2Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 3Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 4Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 5Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 6Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Automotive Relays TB RELAYS POWER TYPE
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB377E 202103
Panasonic Corporation 2021
Atmosphere when using, storing and transporting
1) Ambient temperature, humidity and air pressure during usage
and when storing or transporting
(1) Temperature
–40 to +85°C (Standard type)
–40 to +110°C (High heat resistant type)
(2) Humidity
2 to 85% RH
(Avoid icing and condensation)
(3) Air pressure
86 to 106 kPa
Note: The humidity range varies with the temperature. Use within the range
indicated in the graph.
2) Water condensation
Water condensation occurs when the ambient temperature
drops suddenly from a high temperature and humidity, or, the
relay is suddenly transferred from a low ambient temperature
to a high temperature and humidity. Condensation causes
the failures like insulation deterioration, wire disconnection
and rust etc. Panasonic Corporation does not guarantee the
failures caused by condensation. The heat conduction by the
equipment may accelerate the cooling of relay itself, and the
condensation may occur. Please confirm no condensation
in the worst condition of the actual usage. (Special attention
should be paid when high temperature heating parts are close
to the relay. Also, please consider the condensation may
occur inside of the relay.)
3) Icing
Please check the icing when an ambient temperature is
lower than 0°C. Icing means, the moisture contained in the
surrounding environment and inside the relay freezes when
the ambient temperature falls below the freezing point. The
icing causes the sticking of movable portion, the operation
delay and the contact conduction failure etc. Panasonic
Corporation does not guarantee the failures caused by the
icing. The heat conduction by the equipment may accelerate
the cooling of relay itself and the icing may occur. Icing
condition is changed by ambient environment, please make
sure to confirm no icing in the worst condition of the actual
usage.
4) Low-temperature, low humidity atmosphere
The plastic becomes brittle if the relay is exposed to a low
temperature, low humidity environment for long periods of
time.
[Temperature and humidity range for usage, transport,
and storage]
5
85
Humidity (% RH)
Avoid icing
when used at
temperatures
lower than 0°C
Avoid con-
densation when
used at tem-
peratures higher
than 0°C
Allowable range
Ambient temperature (℃)
0
85
-40
[Standard type]
5
2
85
0
85
110
-40
Humidity(%RH)
Ambient temperature(°C)
Allowable range
Avoid icing
when used at
temperatures
lower than 0°C
Avoid
condensation
when used at
temperatures
higher than 0°C
[High heat resistant type]
ー 5 ー



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com