Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTBPDH4 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ACTBPDH4
Description  High Carrying Current 1 Form A Type Relay for Miniature PC board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTBPDH4 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ACTBPDH4 Datasheet HTML 1Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 2Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 3Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 4Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 5Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 6Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Automotive Relays TB RELAYS POWER TYPE
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB377E 202103
Panasonic Corporation 2021
Pin in Paste compliant type
COM
COIL
COIL
N.O.
N.O.
COM
* The lamp control type has
polarized contacts. Connect
N.O. to the “+ (plus)” side.
8.4
4
Tolerance: ± 0.1
4×1.9 dia.
2×1.1 dia.
14±0.5
0.4
0.6
0.3
9.2±0.5
Air hole
0.3
8.4
4
(0.8)
1.5
+0.3
ー0.1
+0.3
ー0.1
+0.3
ー0.1
0.3
+0.3
ー0.1
1.5
+0.3
ー0.1
+0.3
ー0.1
+0.3
ー0.1
* Dimensions (thickness and width) of terminal is measured after pre-soldering.
Intervals between terminals is measured at A surface level.
A surface
level
Pre-soldering ( all terminals )
Tolerance
Max. 1 mm: ± 0.1
1 to 3 mm : ± 0.2
Min. 3 mm : ± 0.3
CAD
External dimensions
PC board pattern
(BOTTOM VIEW)
Schematic
(BOTTOM VIEW)
For general cautions for use, please refer to the "Automotive Relay Users Guide".
Precautions when using TB relays power type
Coil operating power
Pure DC current should be applied to the coil. If it includes
ripple, the ripple factor should be less than 5%. However,
check it with the actual circuit since the characteristics may
be slightly different. Also, the power waveform should be
rectangular.
Coil applied voltage
To ensure proper operation, the voltage applied to the coil
should be the rated operating voltage of the coil. Also, be
aware that the pick-up and drop-out voltages will fluctuate
depending on the ambient temperature and operating
conditions.
Expected life
Check this with the real device as it is affected by coil driving
circuit, load type, activation frequency, activation phase,
ambient conditions and other factors.
Soldering
We recommend the relays,ensure conformance with the
conditions listed tables.
1) Automatic soldering
Conditions
Preheating
Soldering
Temperature
100°C
(surface of PC board)
260°C
Time
within 2 min
within 5 s
2) Manual soldering
Tip temperature
280 to 300°C
Soldering iron
30 to 60 W
Soldering time
within 5 s
GUIDELINES FOR USAGE
ー 4 ー



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com