Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTBPDH4 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ACTBPDH4
Description  High Carrying Current 1 Form A Type Relay for Miniature PC board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTBPDH4 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ACTBPDH4 Datasheet HTML 1Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 2Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 3Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 4Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 5Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 6Page - Panasonic Semiconductor ACTBPDH4 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Automotive Relays TB RELAYS POWER TYPE
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB377E 202103
Panasonic Corporation 2021
T1
T3
T2
t1
t2
t3
t1=60 to 120 s
t2=Less than 30 s
t3=Less than 5 s
T1=150 to 180°C
T2=230°C or more
T3=Less than 250°C
Mounting and cleaning conditions for Pin in Paste compliant type
When soldering this relay, please observe the following
conditions.
[I.R.S method (recommended)]
(Recommended number of reflows: 1 time)
Others handling precautions
Do not use relays that have been dropped, because doing so
may be a cause of faulty operation.
Please refer to
"the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
1) Cautions for mounting
(1) The temperature profile shows the temperature at the
soldering portion on the PC board surface.
(2) Depending on the mounting density condition, reflow
heating method, and PC board type (metal etc.), the relay’s
exterior and interior temperature may become extremely
high. Therefore, please confirm well under the actual use
condition before use.
2) The other cautions of reflow soldering
(1) When soldering condition is out of recommendation, the
relay performance may be adversely affected. If soldering
conditions are out of our recommendation, please inquire
our sales representative before operation.
(2) Please check the effect at the actual soldering because
heat stress to relay is changed by PC board type and
manufacturing process condition.
(3) Solder creepage, wettability or soldering strength will be
affected by the mounting condition or soldering material.
Please check the actual production condition in detail.
(4) Do not wash the relay as failures may occur.
(5) This product is not plastic sealed type. Please perform
coating with sufficient attention to avoid infiltration of the
solvent to the inside. Also, please pay careful attention
to use and store them with no contamination of foreign
material.
ー 6 ー



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com